Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14XXXBD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC14XXXBD
Description  Industrial Time Base Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBD Datasheet(HTML) 1 Page - Motorola, Inc

  MC14XXXBD Datasheet HTML 1Page - Motorola, Inc MC14XXXBD Datasheet HTML 2Page - Motorola, Inc MC14XXXBD Datasheet HTML 3Page - Motorola, Inc MC14XXXBD Datasheet HTML 4Page - Motorola, Inc MC14XXXBD Datasheet HTML 5Page - Motorola, Inc MC14XXXBD Datasheet HTML 6Page - Motorola, Inc MC14XXXBD Datasheet HTML 7Page - Motorola, Inc MC14XXXBD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14566B
Industrial Time Base Generator
The MC14566B industrial time base generator is constructed with MOS
P–channel and N–channel enhancement mode devices in a single
monolithic structure. This device consists of a divide–by–10 ripple counter
and a divide–by–5 or divide–by–6 ripple counter to permit stable time
generation from a 50 or 60 Hz line. By cascading this device as divide–by–60
counters, seconds and minutes can be counted and are available in BCD
format at the circuit outputs. An internal monostable multivibrator is included
whose output can be used as a reset or clock pulse providing additional
frequency flexibility. Also a pin has been included to allow divide–by–5
counting for generating 1.0 Hz from European 50 Hz line. Pin 11 = VDD will
cause
÷ 5.
• Negative Edge Triggered Counters for Ease of Cascading
• Pulse Shapers on Counter Inputs Accept Slow Input Rise Times
• Monostable Multivibrator Positive or Negative Edge Triggered
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
BLOCK DIAGRAM
CA
÷10
RESET
÷5/÷6 CONTROL
CB
÷5/÷6
B
A
BCD
OUT
BCD
OUT
Qm
10
1
2
11
15
7
9
PULSE
SHAPER
PULSE
SHAPER
MONO–
STABLE
MULTI–
VIBRATOR
Q0A
Q1A
Q2A
Q3A
R
C
R
Q0B
Q1B
Q2B
C
3
4
5
6
12
13
14
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14566B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Q0B
Q1B
Q2B
CB
VDD
A
Qm
B5/B6
Q1A
Q0A
RESET
CA
VSS
B
Q3A
Q2A


Similar Part No. - MC14XXXBD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
227Kb / 8P
   Dual Schmitt Trigger
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Similar Description - MC14XXXBD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4566B STMICROELECTRONICS-HCC4566B Datasheet
202Kb / 6P
   INDUSTRIAL TIME-BASE GENERATOR
logo
Hitachi Semiconductor
HD14566B HITACHI-HD14566B Datasheet
76Kb / 5P
   Industrial Time Base Generator
logo
List of Unclassifed Man...
1823A ETC2-1823A Datasheet
950Kb / 1P
   짹1PPM Time base stability
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
   C-MOS TIME CODE GENERATOR / READER
logo
Cooper Bussmann, Inc.
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay,
logo
Rohm
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
logo
Maxim Integrated Produc...
MAX14832 MAXIM-MAX14832 Datasheet
781Kb / 20P
   One-Time Programmable Industrial Sensor Output Driver
19-6847; Rev 4; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com