Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1508P-L225-C2 Datasheet(PDF) 2 Page - GSI Group, Inc.

Part # M1508P-L225-C2
Description  Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1508P-L225-C2 Datasheet(HTML) 2 Page - GSI Group, Inc.

  M1508P-L225-C2 Datasheet HTML 1Page - GSI Group, Inc. M1508P-L225-C2 Datasheet HTML 2Page - GSI Group, Inc. M1508P-L225-C2 Datasheet HTML 3Page - GSI Group, Inc. M1508P-L225-C2 Datasheet HTML 4Page - GSI Group, Inc. M1508P-L225-C2 Datasheet HTML 5Page - GSI Group, Inc. M1508P-L225-C2 Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 5
Broader Alignment Tolerances,
Increased Standoff Clearance, Smallest Sensor and More
Why Mercury Encoders Make It Easier To Design High Performance Into Your Equipment
Eliminate the Frustration of Touchy
Encoder Alignment
Mercury Solves this Problem for Good
Fussy alignment is no longer a concern. With Mercury’s
patented PurePrecisionoptics, advanced SmartPrecision
electronics and LED alignment indicators, you can push the
sensor against your reference surface, tighten the screws and
you’re finished. Try that with brand X or Y.
This performance is possible thanks to relaxed alignment
tolerances, particularly in the theta Z axis. Mercury offers a
± 2° sweet spot– that’s a 300% improvement over the best
competitive encoder. And that will result in dramatic savings
in manufacturing costs.
No other commercially available encoder is easier to align,
easier to use, or easier to integrate into your designs.
Alignment Tolerance Comparison**
Mercury*
Brand X
Brand Y
Mercury vs. Best Competitor
Z Standoff
± 0.15mm
± 0.1mm
± 0.1mm
Mercury is 50% better
Y
± 0.20mm for linear
± 0.1mm
unspecified
Mercury is 100% better
± 0.10mm for rotary 19mm dia.
theta X
± 1.0°
unspecified
± 1.0°
theta Y
± 2.0°
± 0.1°
± 1.0°
Mercury is 100% better
theta Z
± 2.0°
± 0.006°
± 0.5°
Mercury is 300% better
*Measured at a constant temperature for one axis at a time with all other axes at their ideal positions.
**Based on published specifications
>_
Mercury Can Reduce System Size and Cost
Mercury’s sensor height is 44% shorter than competitive encoders,
making it easy to fit into your design. This reduction can also cut total
system weight and cost by allowing the use of smaller motors and
stages. Safe system operation is also enhanced thanks to Mercury’s
generous standoff clearance– 200% greater than other encoders.
And it’s standoff tolerance is 50% greater than the best alternative.
This significantly relaxes mechanical system tolerances,
while reducing system costs.
B
Brra
an
nd
d Y
Y
B
Brra
an
nd
d X
X
M
Me
errc
cu
urryy
± 2°
± 0.5°
± 0.006°
T
Th
he
etta
a Z
Z A
Alliig
gn
nm
me
en
ntt T
To
olle
erra
an
nc
ce
e
Mechanical Dimension Comparison**
Mercury Brand X Brand Y Mercury vs.
Best Competitor
Sensor Z height
8.4mm
23mm
15mm
44% better
Standoff clearance
2.4mm
0.5mm
0.8mm
200% better
Standoff tolerance
± 0.15mm ± 0.1mm ± 0.1mm
50% better
System height
11.7mm
28.5mm 15.8mm
26% better
**Based on published specifications
Note: Mercury 1500P is even smaller at 5.6mm sensor height
* Dimensions shown illustrate encoder system standoff clearance; see Mercury
Encoder Interface Drawings for correct design reference surfaces.
B
Brra
an
nd
d X
X
B
Brra
an
nd
d Y
Y
M
Me
errc
cu
urryy
S
Stta
an
nd
do
offff C
Clle
ea
arra
an
nc
ce
e
2.4mm*
± 0.15mm
0.8mm
± 0.1mm
0.5mm
± 0.1mm


Similar Part No. - M1508P-L225-C2

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Pulse A Technitrol Comp...
M1500 PULSE-M1500 Datasheet
115Kb / 2P
   SMT GATE DRIVE TRANSFORMER
logo
RAF ELECTRONIC HARDWARE
M1500-B-2545-SS RAF-M1500-B-2545-SS Datasheet
63Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
M1502-B-2545-SS RAF-M1502-B-2545-SS Datasheet
73Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
logo
List of Unclassifed Man...
M150X3-T03 ETC-M150X3-T03 Datasheet
638Kb / 27P
   15.0 TFT Liquid Crystal Display module
More results

Similar Description - M1508P-L225-C2

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
   Factory set trigger point: 15째
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
logo
Analog Devices
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
AD2S83IPZ AD-AD2S83IPZ Datasheet
172Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. E
logo
Texas Instruments
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD2S83 AD-AD2S83 Datasheet
176Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com