Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJNA3R3DFB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJNA3R3DFB
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNA3R3DFB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJNA3R3DFB Datasheet HTML 1Page - Panasonic Semiconductor ELJNA3R3DFB Datasheet HTML 2Page - Panasonic Semiconductor ELJNA3R3DFB Datasheet HTML 3Page - Panasonic Semiconductor ELJNA3R3DFB Datasheet HTML 4Page - Panasonic Semiconductor ELJNA3R3DFB Datasheet HTML 5Page - Panasonic Semiconductor ELJNA3R3DFB Datasheet HTML 6Page - Panasonic Semiconductor ELJNA3R3DFB Datasheet HTML 7Page - Panasonic Semiconductor ELJNA3R3DFB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
2.0 to 2.6
0.8 to1.0
1.6
0.8
0.3
0.3
RE Type 1608 (0603)
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Packing Quantity
3000 pcs./Reel
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRE1N0 FA
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
7
100
6000
0.05
500
ELJRE1N2 FA
1.2
6000
0.06
500
ELJRE1N5 FA
1.5
8
6000
0.07
500
ELJRE1N8 FA
1.8
6000
0.08
500
ELJRE2N2 FA
2.2
6000
0.09
500
ELJRE2N7 FA
2.7
6000
0.10
500
ELJRE3N3 FA
3.3
9
5500
0.12
500
ELJRE3N9 FA
3.9
J : ±5 %
5500
0.15
450
ELJRE4N7 FA
4.7
4800
0.17
450
ELJRE5N6 FA
5.6
4600
0.18
430
ELJRE6N8 FA
6.8
3550
0.20
430
ELJRE8N2 FA
8.2
3500
0.28
400
ELJRE10N FA
10
G : ±2 %
10
2800
0.32
400
ELJRE12N FA
12
2800
0.35
400
ELJRE15N FA
15
2500
0.41
350
ELJRE18N FA
18
2300
0.45
350
ELJRE22N FA
22
2000
0.50
300
ELJRE27N FA
27
2000
0.55
300
ELJRE33N FA
33
1800
0.60
300
ELJRE39N FA
39
11
1800
0.80
300
ELJRE47N FA
47
1800
0.95
250
ELJRE56N FA
56
12
1800
1.20
250
ELJRE68N FA
68
1500
1.30
250
ELJRE82N FA
82
1500
1.50
250
ELJRER10 FA
100
1300
1.80
200
ELJRER12 FA
120
25.2
5
25.2
1200
3.00
130
ELJRER15 FA
150
1100
4.50
100
ELJRER18 FA
180
4
1000
6.50
80
ELJRER22 FA
220
900
7.50
70
Standard Parts (E12 series)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
: Symbol of Tolerance
Nov. 2007


Similar Part No. - ELJNA3R3DFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNA3R3DFB PANASONIC-ELJNA3R3DFB Datasheet
92Kb / 5P
   1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJNA3R3DFB PANASONIC-ELJNA3R3DFB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJNA3R3DFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com