Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1508P-L1025-C2 Datasheet(PDF) 4 Page - GSI Group, Inc.

Part # M1508P-L1025-C2
Description  Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1508P-L1025-C2 Datasheet(HTML) 4 Page - GSI Group, Inc.

  M1508P-L1025-C2 Datasheet HTML 1Page - GSI Group, Inc. M1508P-L1025-C2 Datasheet HTML 2Page - GSI Group, Inc. M1508P-L1025-C2 Datasheet HTML 3Page - GSI Group, Inc. M1508P-L1025-C2 Datasheet HTML 4Page - GSI Group, Inc. M1508P-L1025-C2 Datasheet HTML 5Page - GSI Group, Inc. M1508P-L1025-C2 Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
Mercury 1500P Outputs
10-pin interface
PIN
FUNCTION
1B -
2B +
3
Sin + *
4
Cos + *
5
+ 5 V DC
6
Index Window +
7
Index Window -
8A +
9A -
10
Ground
4.11
.162
5.59
.220
15.24
.600
1.75
.069
8.85
.348
2.44
.096
3.76
.148
7.49
.295
8.75
.344
THRU.
2X 0-80UNC-2B
12.70
.500
4X R
1.19
.047
4.65
.183
8.38
.330
3.21
.126
PIN SP ACING
1.28
.050
PI N 1
PI N 5
PI N 6
PI N 10
Mechanical Information - Sensor
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
System Specifications
System
Grating Period
20µm
System Resolution 5µm, 2.5µm, 1.00µm, or 0.50µm (linear)
Linear Accuracy*
Better than ±1µm** available; contact MicroE
Better than ±3µm** up to 130mm, ±5µm from 155mm to 1m,
±5µm per meter from 1m to 2m
*Maximum peak to peak error over the specified movement when compared to a NIST-traceable laser interferometer standard,
used at room temperature and with MicroE interpolation electronics.
**Or +/- one quadrature count, whichever error value is greater.
Rotary Accuracy*
Scale O.D.
Microradians**
Arc-Seconds**
12.00mm
±100
±21
19.05mm
±63
±13
31.75mm
±38
±7.8
57.15mm
±19
±3.9
107.95mm
±10
±2.1
*Based on ideal scale mounting concentricity
**Or +/- one quadrature count, whichever error value is greater.
Sensor Size
W:
12.70mm
0.500"
L:
15.24mm
0.600"
H:
5.59mm
0.220"
Operating and Electrical Specifications
Power Supply
5VDC ±5% @ 33mA1
Temperature
Operating:
0 to 70°C
Storage:
-20 to 70°C
Humidity:
10 - 90% RH non-condensing
Shock:
1500G 0.5 ms half sine (Sensor)
Sensor Weight:
2.6g
1 Note: a voltage regulator on the customer’s printed circuit board, such as Analog
Devices’ ADP 3334 or equivalent, is recommended at the 5V input to the encoder
for maximum reliability.
* Analog outputs are for sensor alignment only.
Output Signals**
A
B
Pins 8 & 9
Pins 2 & 1
Quadrature TTL
Resolution
Alignment Signals
20µm
90°
800mVp-p ± 25%
on a 1.7V DC off-
set.
20µm Typical
5VDC
Index Window
** Inverse signals not shown for clarity.
Pins 6 & 7
Pins 3 & 4


Similar Part No. - M1508P-L1025-C2

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Pulse A Technitrol Comp...
M1500 PULSE-M1500 Datasheet
115Kb / 2P
   SMT GATE DRIVE TRANSFORMER
logo
RAF ELECTRONIC HARDWARE
M1500-B-2545-SS RAF-M1500-B-2545-SS Datasheet
63Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
M1502-B-2545-SS RAF-M1502-B-2545-SS Datasheet
73Kb / 1P
   4.5 MM ROUND SWAGE STANDOFFS
logo
List of Unclassifed Man...
M150X3-T03 ETC-M150X3-T03 Datasheet
638Kb / 27P
   15.0 TFT Liquid Crystal Display module
More results

Similar Description - M1508P-L1025-C2

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
   Factory set trigger point: 15째
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
logo
Analog Devices
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
AD2S83IPZ AD-AD2S83IPZ Datasheet
172Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. E
logo
Texas Instruments
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD2S83 AD-AD2S83 Datasheet
176Kb / 19P
   Variable Resolution, Resolver-to-Digital Converter
REV. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com