Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1320 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # WM1320
Description  2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

WM1320 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  WM1320 Datasheet HTML 1Page - Molex Electronics Ltd. WM1320 Datasheet HTML 2Page - Molex Electronics Ltd. WM1320 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - WM1320

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM13210-ND MOLEX11-WM13210-ND Datasheet
434Kb / 10P
   CONN RCPT HSG 8POS 3.00MM
2017/10/27
WM1322 MOLEX1-WM1322 Datasheet
186Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows, without Panel Mount Ears, with Pull Tabs, without Passive Lock Windows
WM1322-ND MOLEX1-WM1322-ND Datasheet
186Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows, without Panel Mount Ears, with Pull Tabs, without Passive Lock Windows
WM1324 MOLEX1-WM1324 Datasheet
218Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
WM1324-ND MOLEX1-WM1324-ND Datasheet
218Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com