Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-4002-3C2A1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-4002-3C2A1
Description  6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PCT Polyester, Tin (Sn), White, 3 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

A-4002-3C2A1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-4002-3C2A1 Datasheet HTML 1Page - Molex Electronics Ltd. A-4002-3C2A1 Datasheet HTML 2Page - Molex Electronics Ltd. A-4002-3C2A1 Datasheet HTML 3Page - Molex Electronics Ltd. A-4002-3C2A1 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - A-4002-3C2A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4001 ETC-A-4001 Datasheet
79Kb / 1P
   SINGLE DIGIT DISPLAY
A-4001E ETC-A-4001E Datasheet
79Kb / 1P
   SINGLE DIGIT DISPLAY
A-4001G ETC-A-4001G Datasheet
79Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-4001G PARALIGHT-A-4001G Datasheet
256Kb / 12P
   4.0 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-4001H ETC-A-4001H Datasheet
79Kb / 1P
   SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com