Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA12003BF Datasheet(PDF) 1 Page - Rohm

Part # BA12003BF
Description  High voltage, high current Darlington transistor array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA12003BF Datasheet(HTML) 1 Page - Rohm

  BA12003BF Datasheet HTML 1Page - Rohm BA12003BF Datasheet HTML 2Page - Rohm BA12003BF Datasheet HTML 3Page - Rohm BA12003BF Datasheet HTML 4Page - Rohm BA12003BF Datasheet HTML 5Page - Rohm BA12003BF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
High voltage, high current Darlington
transistor array
BA12001B / BA12003B / BA12003BF / BA12004B
The BA12001B, BA12003B, BA12003BF, and BA12004B are high voltage, high current, high sustain voltage transistor
arrays consisting of seven circuits of Darlington transistors.
Because it incorporates built-in surge-absorbing diodes and base current-control resistors needed when using inductive
loads such as relay coils, attachments can be kept to a minimum.
With an output sustain voltage as high as 60V and an output current (sink current) of 500mA, this product is ideal for use
with various drivers and as an interface with other elements.
Applications
Drivers for LEDs, lamps, relays and solenoids
Interface with other elements
Features
1) High output current. (IOUT=500mA Max.)
2) High output sustain voltage. (VOUT=50V Max.)
3) Seven Darlington transistors built in.
4) Built-in surge-absorbing clamp diode.
(Note : Refer to the “Reference items when using in application.” )
Block diagram
IN1
IN2
IN3
IN4
IN5
IN6
IN7
GND
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
COM
8
16
15
14
13
12
11
10
1
2
3
4
5
6
7
9


Similar Part No. - BA12003BF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12003BF ROHM-BA12003BF Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12003BF ROHM-BA12003BF Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
More results

Similar Description - BA12003BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com