Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA12004B Datasheet(PDF) 4 Page - Rohm

Part # BA12004B
Description  High voltage, high current Darlington transistor array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA12004B Datasheet(HTML) 4 Page - Rohm

  BA12004B Datasheet HTML 1Page - Rohm BA12004B Datasheet HTML 2Page - Rohm BA12004B Datasheet HTML 3Page - Rohm BA12004B Datasheet HTML 4Page - Rohm BA12004B Datasheet HTML 5Page - Rohm BA12004B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
Application example
RY
(1) Relay driver
LED
(2) LED driver
Fig.5
Application notes
The BA12001B is a transistor array which can be directly coupled to a general logic circuit such as PMOS, CMOS, or
TTL.
A current limiting resistor needs to be connected in series with the input.
The BA12003B / BF can be coupled directly to TTL or CMOS output (when operating at 5V). In order to limit the input
current to a stable value, resistors are connected in series to each of the inputs.
The BA12004B is designed for direct coupling to CMOS or PMOS output using a 6 to 15V power supply voltage. In order
to limit the input current to a stable value, resistors are connected in series to each of the inputs.
The load for each of these products should be connected between the driver output and the power supply. To protect the
IC from excessive swing voltage, the COM pin (Pin 9) should be connected to the power supply.
Fig.6 shows the configuration of the on-chip diode for surge absorption.
In the construction of the surge-absorbing diode,there is an N-P junction between the N-layer (N-well + BL) and the
substrate (P-sub) so that when the diode is on, current flows from the output pin to the substrate. In terms of the vertical
construction, this diode is configured similar to a PNP transistor. When using the surge-absorbing diode, take appropriate
measures regarding the thermal characteristics of the design considering the current that will be handled.
Also, if motor back-rush current or other conditions that will result continued surge current to flow to the surge-absorbing
diode can be foreseen, we strongly recommend connecting a Schottky barrier diode (or other type of diode with a low
foward voltage) in parallel with the surge-absorbing diode to construct a bypass route for the surge current.
ISO
P
ISO
P
B / L
IDi
Isub
N
+
P
+
In-flow current to the surge-absorbing diode
N
+
N
+
OUT
COM
P-sub
Fig.6 Vertical construction of the surge-absorbing diode
N-well


Similar Part No. - BA12004B

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12004B ROHM-BA12004B Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12004B ROHM-BA12004B Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
BA12004BF ROHM-BA12004BF Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
BA12004BF-E2 ROHM-BA12004BF-E2 Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
More results

Similar Description - BA12004B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com