Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA15532 Datasheet(PDF) 3 Page - Rohm

Part # BA15532
Description  Dual high slew rate, low noise operational amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA15532 Datasheet(HTML) 3 Page - Rohm

  BA15532 Datasheet HTML 1Page - Rohm BA15532 Datasheet HTML 2Page - Rohm BA15532 Datasheet HTML 3Page - Rohm BA15532 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Standard ICs
BA15532 / BA15532F / BA15532N
Electrical characteristic curves
AMBIENT TEMPERATURE: Ta (
°C)
1200
1000
800
600
400
200
0
0
25
50
75
100
125
150
BA15532F
BA15532
BA15532N
Fig.1 Power dissipation vs.
ambient temperature
FREQUENCY: f (Hz)
20
40
60
80
100
120
0
10
100
1k
10k
100k
1M
10M
Fig.3 Open loop voltage gain vs.
frequency
POWER SUPPLY VOLTAGE: VCC
±
(V)
10
6
8
4
2
0
0
± 10
± 20
Fig.2 Quiescent current vs.
power supply voltage
FREQUENCY: f (Hz)
32
4
8
12
16
20
24
28
0
100
1k
10k
100k
1M
V
±
=
± 15V
Fig.4 Maximum output voltage vs.
frequency
POWER SUPPLY VOLTAGE: V
+ (V)
0
0.4
0.3
0.2
0.1
10
30
20
40
Fig.6 Input bias current vs.
power supply voltage
AMBIENT TEMPERATURE: Ta (
°C)
0.1
0.2
0.3
0.4
–40
–20
0
20
40
60
80
V
±
=
± 15V
Fig.5 Input bias current vs.
ambient temperature
TIME (
µs)
0
–5
5
– 5
5
0
468
2
0
Fig.7 Output response characteristics
POWER SUPPLY VOLTAGE: V
±
(V)
± 10
± 20
0
± 20
± 10
± 30
Fig.8 Common mode input voltage vs.
power supply voltage


Similar Part No. - BA15532

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15532F ROHM-BA15532F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA15532F ROHM-BA15532F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
571Kb / 22P
   Low Noise Operational Amplifier
BA15532F ROHM-BA15532F Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
More results

Similar Description - BA15532

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
   Dual high slew rate, low noise operational amplifier
logo
Panasonic Semiconductor
AN6557 PANASONIC-AN6557 Datasheet
33Kb / 3P
   Dual Low Noise, High Slew Rate Operational Amplifiers
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
BA4510F ROHM-BA4510F Datasheet
43Kb / 4P
   Dual high slew rate operational amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
   100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com