Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3131 Datasheet(PDF) 3 Page - Rohm

Part # BA3131
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131 Datasheet(HTML) 3 Page - Rohm

  BA3131 Datasheet HTML 1Page - Rohm BA3131 Datasheet HTML 2Page - Rohm BA3131 Datasheet HTML 3Page - Rohm BA3131 Datasheet HTML 4Page - Rohm BA3131 Datasheet HTML 5Page - Rohm BA3131 Datasheet HTML 6Page - Rohm BA3131 Datasheet HTML 7Page - Rohm BA3131 Datasheet HTML 8Page - Rohm BA3131 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BA3131FS
Standard ICs
!
!
!
!Measurement circuit
RK
RK
50k
500k
RK
500k
0.1
µF
C2
0.1
µF
1000pF
C1
C3
15V
EK
VF
– 15V
+
+
DUT
NULL
VCC
VO
S1
Ri
Ri
10k
Rs
50
10k
Rs
50
Vref
Vref
VR
Vref
RL2
10k
RL1
2k
S3
S2
S4
Rf
50k
C2 and C3 are used to prevent oscillation (adjustment required)
Fig.1


Similar Part No. - BA3131

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3131FS ROHM-BA3131FS Datasheet
124Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
   3 Dual operational amplifier with switch for car audio systems
BA3131FS ROHM-BA3131FS_11 Datasheet
124Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BA3131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA3128N ETC1-BA3128N Datasheet
229Kb / 11P
   Audio-switched operational amplifier(2 inputs, 1 output)
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
logo
Toshiba Semiconductor
TA8246AHQ TOSHIBA-TA8246AHQ Datasheet
286Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
logo
Rohm
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
   3 Dual operational amplifier with switch for car audio systems
logo
Princeton Technology Co...
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Toshiba Semiconductor
TA8256BH TOSHIBA-TA8256BH_02 Datasheet
212Kb / 11P
   Audio Power Amplifier 6 W 횞 3 Ch
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Sanyo Semicon Device
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com