Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3257HFP Datasheet(PDF) 2 Page - Rohm

Part # BA3257HFP
Description  Dual Low Drop Out Regulator Ceramic Capacitor Available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3257HFP Datasheet(HTML) 2 Page - Rohm

  BA3257HFP Datasheet HTML 1Page - Rohm BA3257HFP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Circuit
Electrical characteristics (Unless otherwise noted; Ta=25˚C, Vcc=5V, R1=R2=5kΩ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
Line regulation 1,2
Load regulation 1,2
[3.3V output]
Output voltage
Dropout voltage
Output current
[Variable output]
Reference voltage
Dropout voltage
Output current
Io1=0mA, Io2=0mA
Vcc=4.75 → 14V, Io1=5mA
Io2=5mA → 1A
Io1=50mA
Io1=1A
Io2=50mA
Io2=1A, R1=8.2kΩ, R2=5kΩ
Ib
VLINE1,2
VLOAD1,2
Vo1
VD1
Io1
Vref
VD2
Io2
-
-
-
3.234
-
1.0
1.225
-
1.0
3
5
5
3.300
1.1
-
1.250
1.1
-
5
15
20
3.366
1.3
-
1.275
1.3
-
mA
mV
mV
V
V
A
V
V
A
VREF
Thermal
Shutdown
Current
Limit
Current
Limit
1
2
5
4
ADJ
ADJ
GND
VIN
VCC
VO2
VOUT2=VREF X (1+R1/R2)+IADJ X R1
VO1
3.3V
3.3µF
CIN
1µF
CO2
1µF
CO1
R2
R1
FIN
BA3257FP/HFP


Similar Part No. - BA3257HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258FP ROHM-BA3258FP Datasheet
210Kb / 2P
   Dual Low Drop Out Regulator Ceramic Capacitor Available
BA3258HFP ROHM-BA3258HFP Datasheet
210Kb / 2P
   Dual Low Drop Out Regulator Ceramic Capacitor Available
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
More results

Similar Description - BA3257HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258FP ROHM-BA3258FP Datasheet
210Kb / 2P
   Dual Low Drop Out Regulator Ceramic Capacitor Available
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ELMOS Semiconductor AG
E522.40B ELMOS-E522.40B Datasheet
167Kb / 2P
   Dual Low Drop Out Voltage Regulator with Digital Diagnosis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com