Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3306 Datasheet(PDF) 3 Page - Rohm

Part # BA3306
Description  Dual preamplifier with ALC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3306 Datasheet(HTML) 3 Page - Rohm

  BA3306 Datasheet HTML 1Page - Rohm BA3306 Datasheet HTML 2Page - Rohm BA3306 Datasheet HTML 3Page - Rohm BA3306 Datasheet HTML 4Page - Rohm BA3306 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
203
Audio ICs
BA3306
FApplication example
FCircuit operation
(1)
Recording (See Fig. 3)
For recording, insert an attenuation resistor (3.9k
Ω rec-
ommended) into the input line.
The ALC timing is determined by the time constant of the
circuit connected between pin 5 and GND. The attack
time is set the capacitor (22
µF) and the resistor (4.7kΩ)
that is connected in series with the diode. The recovery
time is set by this capacitor and the resistor (1M
Ω) con-
nected to pin 5.
(2)
Playback (See Fig. 4)
For playback, the amplifier is used as a NAB equalizer
amplifier. The ALC circuit is not needed at this time, so
pin 5 is earthed. The negative feedback time constant
settings are Hi - 120
µs and Lo - 3180µs.


Similar Part No. - BA3306

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3306 ROHM-BA3306 Datasheet
121Kb / 3P
   Monolithic IGs
More results

Similar Description - BA3306

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
   Dual preamplifier with ALC
logo
AUK corp
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
SL1027P AUK-SL1027P Datasheet
250Kb / 7P
   DUAL PREAMPLIFIER WITH ALC
logo
Daewoo Semiconductor
DBL1027 DAEWOO-DBL1027 Datasheet
299Kb / 6P
   DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3311L ROHM-BA3311L Datasheet
64Kb / 4P
   Dual preamplifier with ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308 Datasheet
127Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
BA3308 UTC-BA3308_11 Datasheet
179Kb / 4P
   DUAL PREAMPLIFIER WITH ALC
logo
Mitsubishi Electric Sem...
M51545P MITSUBISHI-M51545P Datasheet
280Kb / 4P
   3V DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3313L ROHM-BA3313L Datasheet
66Kb / 5P
   Dual preamplifier with ALC detector circuit
BA3314F ROHM-BA3314F Datasheet
66Kb / 4P
   Dual preamplifier with ALC detector circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com