Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3423S Datasheet(PDF) 10 Page - Rohm

Part # BA3423S
Description  Double cassette tape recorder system preamplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3423S Datasheet(HTML) 10 Page - Rohm

Back Button BA3423S Datasheet HTML 6Page - Rohm BA3423S Datasheet HTML 7Page - Rohm BA3423S Datasheet HTML 8Page - Rohm BA3423S Datasheet HTML 9Page - Rohm BA3423S Datasheet HTML 10Page - Rohm BA3423S Datasheet HTML 11Page - Rohm BA3423S Datasheet HTML 12Page - Rohm BA3423S Datasheet HTML 13Page - Rohm BA3423S Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
260
Audio ICs
BA3423S
FCircuit operation
(1)
Playback equalizer amplifier
The standard input level is
*76dBm at 315Hz. The volt-
age gain at 315Hz is 53dB, so the standard output level
for the playback equalizer amplifier is
*23dBm. The
playback head is connected between the bias pin (pin 28)
and the input pins without coupling capacitors, and the
amplifier input stage is biased through the head.
When the A / B switch pin (pin 20) is “H”, the input goes
to B, and when it is open the input goes to A. The play-
back equalizer NAB characteristics are determined as
follows:
External CR timing circuit: 270k
Ω, 4.7kΩ, 0.012µF
On-chip resistors: 5.3k
Ω, 500Ω
Bass time constant:
= 270k
0.012
µF
3180
µs
Treble time constant:
Normal-speed mode:
= (4.7k
Ω + 5.3kΩ)
0.012
µF = 120µs
High-speed mode:
= (4.7k
Ω + 500Ω)
0.012
µF = 62.4µs
Switching between normal-speed and high-speed
modes is controlled by pin 21 (Nor / HS). When pin 21 is
HIGH, high-speed mode is selected, and when open,
normal-speed mode is selected.
(2)
Aux input amplifier
The standard input level is
*23dBm, and the input resis-
tance is 47k
Ω.
Input the CD or radio signal (or other) via a coupling ca-
pacitor. Switch the Tape / Aux input (pin 18) “H” for Aux in-
put mode, and leave it open for tape input mode.
(3)
Microphone amplifier
The standard microphone input level is
*50dBm when
the NF resistor connected to the Mic NF pin (pin 22) is
820
Ω. The microphone amplifier gain at this time is 27dB,
and the microphone amplifier output is
*23dB. The input
resistance of the Mic In pin (pin 23) is 30k
Ω. Connect the
input to pin 23 via a coupling capacitor. The frequency
characteristics of the microphone amplifier are deter-
mined by the bass cutoff frequency of the CR circuit con-
nected to the Mic NF pin. For treble cutoff, connect a low-
pass filter circuit to the input pin.
(4)
Function switching (Mic / mixing circuit)
The signal switched by the Tape / Aux switching pin (pin
18) and the microphone amplifier output are mixed by a
6.8k
Ω mixing resistor. However, when the Nor/HS pin is
set to high-speed mode (“H”), the microphone amplifier
output is muted. When in internal microphone recording
mode (only when: pin 18 is open (tape mode), pin 19 is
“H” (recording mode), pin 20 is “H” (Tape B mode), and
pin 21 is open (normal-speed mode)), the tape and Aux
inputs are muted, and only the Mic output is output. If pin
21 is driven “H” (high-speed mode) in this state, all inputs
are muted. Pins 16 and 17 are for the low-pass filter.
These pins cut bias oscillation leakage during dubbing.
The 6.8k
Ω mixing resistor and an external capacitor set
the treble cutoff frequency according to the following for-
mula
fHC = 1 / (
πCR)
Treble cutoff frequency: fHC (Hz)
Mixing resistor: R = 6.8k (
Ω)
External capacitor: C (F)
(5)
Line amplifier
The standard level of the signal mixed by the mixing re-
sistor is
*30dBm. This level is input as is to the line am-
plifier. The gain of the line amplifier is 11dB, so the stan-
dard output is
*19dBm, and this is output to the Line Out
pins (pins 14 and 15). The line amplifier output has a
mute switch, but it is only muted when in internal micro-
phone recording mode (described in the previous item).
The line mute operates to suppress the switching “pop”
sound that is generated when switching between modes
(transient muting). The transient muting time is set by the
time constants of the external circuits connected the con-
trol pins (pins 18 to 21). However, in one case only, when
pin 18 is “H” (Aux input mode), line output muting does
not occur when the other control pins are switched. This
is to disable transient line out muting when recording is
started while listening to the radio (for example).


Similar Part No. - BA3423S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3420 ROHM-BA3420 Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
BA3420AL ROHM-BA3420AL Datasheet
121Kb / 3P
   Monolithic IGs
BA3426 ROHM-BA3426 Datasheet
299Kb / 12P
   Double cassette tape recorder system preamplifier
BA3426AS ROHM-BA3426AS Datasheet
299Kb / 12P
   Double cassette tape recorder system preamplifier
More results

Similar Description - BA3423S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3426AS ROHM-BA3426AS Datasheet
299Kb / 12P
   Double cassette tape recorder system preamplifier
BA3416BL ROHM-BA3416BL Datasheet
38Kb / 3P
   Double cassette tape recorder dual preamplifier
logo
Toshiba Semiconductor
TA8189N TOSHIBA-TA8189N Datasheet
519Kb / 14P
   QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
   RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
KEC(Korea Electronics)
KIA6289N KEC-KIA6289N Datasheet
254Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER)
logo
Toshiba Semiconductor
TA7628P TOSHIBA-TA7628P Datasheet
501Kb / 12P
   AMPLIFIER SYSTEM FOR CASSETTE TAPE RECORDER
logo
Unisonic Technologies
TA7738P UTC-TA7738P Datasheet
83Kb / 5P
   AMPLIFIER SYSTEM FOR CASSETTE TAPE RECORDER
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
logo
Toshiba Semiconductor
TA7330P TOSHIBA-TA7330P Datasheet
256Kb / 6P
   PREAMPLIFIER WITH ALC CIRCUIT FOR MINI/MICRO CASSETTE TAPE RECORDER
TA7658P TOSHIBA-TA7658P Datasheet
847Kb / 12P
   DUAL PREAMPLIFIER FOR TAPE RECORDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com