Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0002-09-6132-C Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0002-09-6132-C
Description  2.36mm (.093") Diameter, Standard .093" Pin and Socket PC Tail Terminal, Series 1376, Male, with Tin/Lead (Sn/Pb) Plated Contact, With Detent, Bag Packaged
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0002-09-6132-C Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0002-09-6132-C Datasheet HTML 1Page - Molex Electronics Ltd. 0002-09-6132-C Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0002-09-6132-C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0002-09-1153 MOLEX11-0002-09-1153 Datasheet
78Kb / 1P
   CRIMP TERM FEMALE 093/(2.36)DIA/ FOR 14 THRU 18 AWG WIRE
0002-09-1651 MOLEX11-0002-09-1651 Datasheet
73Kb / 1P
   093/(2.36) DIA. SOCKET W/0 INSULATION CRIMP FOR 16 THRU 20AWG. WIRE
0002-09-8104 MOLEX11-0002-09-8104 Datasheet
104Kb / 1P
   CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com