Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3938 Datasheet(PDF) 6 Page - Rohm

Part # BA3938
Description  System power supply for CD radio cassette players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3938 Datasheet(HTML) 6 Page - Rohm

  BA3938 Datasheet HTML 1Page - Rohm BA3938 Datasheet HTML 2Page - Rohm BA3938 Datasheet HTML 3Page - Rohm BA3938 Datasheet HTML 4Page - Rohm BA3938 Datasheet HTML 5Page - Rohm BA3938 Datasheet HTML 6Page - Rohm BA3938 Datasheet HTML 7Page - Rohm BA3938 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
189
Regulator ICs
BA3938
FApplication example
FOperation notes
(1)
Operating power supply voltage
When operating within proper ranges of power supply
voltage and ambient temperature, most circuit functions
are guaranteed. Although the rated values of electrical
characteristics cannot be absolutely guaranteed, char-
acteristic values do not change drastically within the
proper ranges.
(2)
Power dissipation (Pd)
Refer to the heat reduction characteristics (Fig. 5) and
the rough estimation of IC power dissipation given on a
separate page. If power dissipation exceeds the allow-
able limit, the functionality of IC will be degraded (such
as reduction of current capacity by increased chip tem-
perature). Make sure to use the IC within the allowable
range of power dissipation with a sufficient margin.
(3)
Preventing oscillation at each output
To stop oscillation of output, make sure to connect a ca-
pacitor having a capacitance of 10
µF or greater between
GND and each output pin. Oscillation can occur if capaci-
tance is susceptible to temperature. We recommend us-
ing a tantalum electrolytic capacitor with minimal
changes in capacitance. Also, output can be further sta-
bilized by connecting a bypass capacitor between VCC
and GND.
(4)
Overcurrent protection circuit
An overcurrent protection circuit is installed in each out-
put system, based on the respective output current. This
prevents IC destruction by overcurrent, by limiting the
current with a curve shape of “7” in the voltage-current
graph (a curve shape of “inverted -L” for VCC
) B). The
IC is designed with margins so that current flow will be re-
stricted and latching will be prevented even if a large cur-
rent suddenly flows through a large capacitor. Note that
these protection circuits are only good for preventing
damage from sudden accidents. Make sure your design
does not cause the protection circuit to operate continu-
ously under transitional conditions (for instance, if output
is clamped at 1VF or higher, short mode circuit operates
at 1VF or lower). Note that the circuit ability is negatively
correlated with temperature.


Similar Part No. - BA3938

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3932 ROHM-BA3932 Datasheet
122Kb / 7P
   Reference voltage power supply
BA3933 ROHM-BA3933 Datasheet
134Kb / 7P
   Reference voltage power supply
BA3935 ROHM-BA3935 Datasheet
127Kb / 8P
   Reference voltage power supply
BA3936 ROHM-BA3936 Datasheet
185Kb / 10P
   System power supply for CD radio cassette players
logo
List of Unclassifed Man...
BA3936 ETC2-BA3936 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BA3938

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3936 ROHM-BA3936 Datasheet
185Kb / 10P
   System power supply for CD radio cassette players
BA3940A ROHM-BA3940A Datasheet
99Kb / 7P
   System power supply for CD radio cassette players
BA3924 ROHM-BA3924 Datasheet
173Kb / 12P
   Power supply for CD radio cassette players
BA3870 ROHM-BA3870 Datasheet
199Kb / 14P
   BBS (bass boost system) for radio cassette players
logo
Toshiba Semiconductor
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9314F-026 TOSHIBA-TC9314F-026 Datasheet
197Kb / 4P
   SINGLE CHIP DIGITAL TUNNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
logo
Rohm
BD3871FS ROHM-BD3871FS Datasheet
94Kb / 3P
   Sound processor for CD radio cassette player
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com