Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3940A Datasheet(PDF) 1 Page - Rohm

Part # BA3940A
Description  System power supply for CD radio cassette players
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3940A Datasheet(HTML) 1 Page - Rohm

  BA3940A Datasheet HTML 1Page - Rohm BA3940A Datasheet HTML 2Page - Rohm BA3940A Datasheet HTML 3Page - Rohm BA3940A Datasheet HTML 4Page - Rohm BA3940A Datasheet HTML 5Page - Rohm BA3940A Datasheet HTML 6Page - Rohm BA3940A Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
192
Regulator ICs
System power supply for CD radio
cassette players
BA3940A
With built-in 9V, 7V, and 5V outputs, the BA3940A system power supply IC is best suited for use in CD radio cassette
players.
FApplications
CD radio cassette players
FFeatures
1) One 9V output, two 7V outputs (switched by MODE
SW, only one output is available at the same time)
and one 5V output are built in.
2) Output current limit circuit protects the IC against
short-circuiting damage.
3) Thermal protection circuit prevents heat damage to
the IC.
4) Compact SIP-M12 package allows a large power dis-
sipation.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA3940A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3900 ROHM-BA3900 Datasheet
522Kb / 10P
   Power supply, standard voltage
BA3902 ROHM-BA3902 Datasheet
499Kb / 10P
   Power supply, standard voltage
BA3904A ROHM-BA3904A Datasheet
499Kb / 10P
   Power supply, standard voltage
BA3906 ROHM-BA3906 Datasheet
499Kb / 10P
   Power supply, standard voltage
BA3910 ROHM-BA3910 Datasheet
522Kb / 10P
   Power supply, standard voltage
More results

Similar Description - BA3940A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3936 ROHM-BA3936 Datasheet
185Kb / 10P
   System power supply for CD radio cassette players
BA3938 ROHM-BA3938 Datasheet
102Kb / 8P
   System power supply for CD radio cassette players
BA3924 ROHM-BA3924 Datasheet
173Kb / 12P
   Power supply for CD radio cassette players
BA3870 ROHM-BA3870 Datasheet
199Kb / 14P
   BBS (bass boost system) for radio cassette players
logo
Toshiba Semiconductor
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9314F-026 TOSHIBA-TC9314F-026 Datasheet
197Kb / 4P
   SINGLE CHIP DIGITAL TUNNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
logo
Rohm
BD3871FS ROHM-BD3871FS Datasheet
94Kb / 3P
   Sound processor for CD radio cassette player
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com