Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5417 Datasheet(PDF) 7 Page - Rohm

Part # BA5417
Description  High-output dual power amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5417 Datasheet(HTML) 7 Page - Rohm

  BA5417 Datasheet HTML 1Page - Rohm BA5417 Datasheet HTML 2Page - Rohm BA5417 Datasheet HTML 3Page - Rohm BA5417 Datasheet HTML 4Page - Rohm BA5417 Datasheet HTML 5Page - Rohm BA5417 Datasheet HTML 6Page - Rohm BA5417 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Technical Note
7/10
www.rohm.com
2013.11 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
BA5406,BA5417
BA5417
OTL mode
BA5417
Fig.24 Ripple rejection vs. Frequency
BA5417
Fig.23 Crosstalk vs. Frequency
BA5417
Fig.27 Thermal derating curve
0
10
20
30
40
50
60
10
100
1000
10000
100000
FREQUENCY : f (Hz)
BA5417
CNF=100µF
CNF=47µF
CNF=22
T=Normal
Vcc=9V
RL=6Ω
Filter
~10k
DIN AUDIO
10k~
WIDE BAND
OTL= (Stereo)
10
100
1K
10K
100K
Fig.30 Closed loop gain
vs. Frequency
BA5417
Input both channels
Fig.20 Rated output power
vs Supply voltage
BA5417
0
0.1
0.2
0.3
0.4
0
5
10
15
20
SUPPLY VOLTAGE : Vcc(V)
Rg=10kΩ
DIN AUDIO
Fig.22 Output noise voltage
vs Supply voltage
BA5417
Fig.25 Quiescent, standby pin input current
vs. Supply voltage
(Standby pin supply current)
BA5417
Fig.28 Power dissipation, circuit current
vs. Supply Voltage(RL=4Ω)
Drive both
channels
BA5417
Fig.29 Power dissipation, circuit current
vs. Supply Voltage(RL=8Ω)
Drive both
channels
BA5417
Fig.26 Maximum power dissipation
vs. Supply voltage
Stereo (OTL)
0.01
0.1
1
10
100
0.01
0.1
1
10
OUTPUT POWER : Po (W)
BA5417
Vcc=9V
RL=3Ω
Input both channels
f=100Hz DIN AUDIO
1k
DIN AUDIO
10k
200-80k BPF
Fig.21 Total harmonic distortion
vs Output power
10k
1k
100


Similar Part No. - BA5417

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
229Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417 Datasheet
899Kb / 9P
   5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417 Datasheet
636Kb / 11P
   5W5W Stereo Speaker Amplifiers
logo
Unisonic Technologies
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
697Kb / 11P
   Stereo Speaker Amplifiers
More results

Similar Description - BA5417

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA5417 UTC-PA5417_15 Datasheet
144Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
BA5417 UTC-BA5417_15 Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Rohm
BA5415A ROHM-BA5415A Datasheet
257Kb / 10P
   High-output dual power amplifier
logo
Unisonic Technologies
PA5417 UTC-PA5417 Datasheet
139Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
[Old version datasheet]   Dual, High Output, Video Amplifier
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
   Dual-Channel Audio Power/Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com