Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-71308-4140N Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # A-71308-4140N
Description  2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

A-71308-4140N Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  A-71308-4140N Datasheet HTML 1Page - Molex Electronics Ltd. A-71308-4140N Datasheet HTML 2Page - Molex Electronics Ltd. A-71308-4140N Datasheet HTML 3Page - Molex Electronics Ltd. A-71308-4140N Datasheet HTML 4Page - Molex Electronics Ltd. A-71308-4140N Datasheet HTML 5Page - Molex Electronics Ltd. A-71308-4140N Datasheet HTML 6Page - Molex Electronics Ltd. A-71308-4140N Datasheet HTML 7Page - Molex Electronics Ltd. A-71308-4140N Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image


Similar Part No. - A-71308-4140N

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-71308-4140N MOLEX11-A-71308-4140N Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.38關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com