Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5970FP Datasheet(PDF) 4 Page - Rohm

Part # BA5970FP
Description  4-channel BTL driver for CD players and CD-ROMs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5970FP Datasheet(HTML) 4 Page - Rohm

  BA5970FP Datasheet HTML 1Page - Rohm BA5970FP Datasheet HTML 2Page - Rohm BA5970FP Datasheet HTML 3Page - Rohm BA5970FP Datasheet HTML 4Page - Rohm BA5970FP Datasheet HTML 5Page - Rohm BA5970FP Datasheet HTML 6Page - Rohm BA5970FP Datasheet HTML 7Page - Rohm BA5970FP Datasheet HTML 8Page - Rohm BA5970FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
656
Optical disc ICs
BA5970FP
FElectrical characteristics (unless otherwise noted, Ta = 25_C, PREVCC = 8V, POWVCC1 = 5V,
FPOWVCC2 = 8V, BIAS = 2.5V, RL = 8Ω)


Similar Part No. - BA5970FP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA597 SIEMENS-BA597 Datasheet
48Kb / 3P
   Silicon PIN Diode
logo
Guangdong Kexin Industr...
BA597 KEXIN-BA597 Datasheet
33Kb / 1P
   Silicon PIN Diode
logo
Rohm
BA5972 ROHM-BA5972 Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
BA5973 ROHM-BA5973 Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
More results

Similar Description - BA5970FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
   4-channel BTL driver for CD players and CD-ROMs
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
   4-channel BTL driver for CD players
BA5913FP-Y ROHM-BA5913FP-Y Datasheet
142Kb / 9P
   4-channel BTL driver for CD players and CD-ROM drives
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com