Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0016060004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0016060004
Description  1.57mm (.062) Diameter PC Board Pin Terminal, Male, Tin Plated Brass Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0016060004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0016060004 Datasheet HTML 1Page - Molex Electronics Ltd. 0016060004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 0016060004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0016060002 MOLEX2-0016060002 Datasheet
91Kb / 3P
   2.36mm (.093) Diameter, Standard .093" Pin and Male PC Board Terminal for Series 3099 Header Housing, Tin(Sn) Plated, Bag Packaged
More results

Similar Description - 0016060004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0002068103 MOLEX1-0002068103 Datasheet
116Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
0002066122 MOLEX1-0002066122 Datasheet
113Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Selective Gold (Au) Plated Brass Contact, Bag
0002066144 MOLEX1-0002066144 Datasheet
140Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Selective Gold (Au) Plated Brass Contact, Tin (Sn) Plated Crimp Area
0002066119 MOLEX1-0002066119 Datasheet
145Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1560, Male, with Selective Gold (Au) Plated Brass Contact, Tin/Lead Plated Crimp Area
0357401410 MOLEX5-0357401410 Datasheet
95Kb / 2P
   2.20mm (.087") Diameter PC Board Crimp Terminal, Male, Tin Plated Brass Contact, 1.80mm (.071") PC Board Hole Size
0002062131 MOLEX1-0002062131 Datasheet
141Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
0002062132 MOLEX1-0002062132 Datasheet
140Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Bag
0039000278 MOLEX3-0039000278 Datasheet
111Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1560, Male, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Reel
0002062103 MOLEX1-0002062103 Datasheet
145Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1560, Male, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Bag
0002061101 MOLEX1-0002061101 Datasheet
144Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Reel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com