Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6110FS Datasheet(PDF) 2 Page - Rohm

Part # BA6110FS
Description  Voltage controlled operational amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6110FS Datasheet(HTML) 2 Page - Rohm

  BA6110FS Datasheet HTML 1Page - Rohm BA6110FS Datasheet HTML 2Page - Rohm BA6110FS Datasheet HTML 3Page - Rohm BA6110FS Datasheet HTML 4Page - Rohm BA6110FS Datasheet HTML 5Page - Rohm BA6110FS Datasheet HTML 6Page - Rohm BA6110FS Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BA6110FS
Standard ICs
!
!
!
!Internal circuit configuration
R5
R4
Q17
Q18
R3
Q13
Q6
R1
R2
Q5
Q4
Q2
Q1
Q3
D2
D1
Q9
Q7
Q10 Q12
Q11
Q15
Q16
Q8
Q14
VCC
14
15
Buffer OUT
Buffer IN
12
11
5
3
1
VEE
9
7
OUT
Positive input
Input bias
Negative input
Control pin
Fig.1
!
!
!
!Absolute maximum ratings
(Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
34
V
Power dissipation
mW
300∗1
Operating temperature
˚C
Storage temperature
˚C
Maximum control current
500
µA
IC Max.
*1 Reduced by 3mW for each increase in Ta of 1˚C each 25˚C.
Pd
Topr
Tstg
– 20 ~ + 70
– 55 ~ + 125
!
!
!
!Electrical characteristics
(unless otherwise noted, Ta = 25°C, VCC = 15V, VEE = – 15V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
Quiescent current
IQ
0.9
3.0
6.0
mA
ICONTROL = 0
µA
Fig.2
Pin 7 bias current
I7PIN
0.8
5
µA
Fig.2
Distortion
THD
0.2
1
%
Fig.2
Forward transmission conductance
gm
4800
8000
12000
µsICONTROL = 500µA
Fig.2
Pin 6 maximum output voltage
| VOM6 |
| VOM8 |
| IOM6 |
12
14
VICONTROL = 500
µA
Fig.2
Pin 8 maximum output voltage
911
VRL = 47k
Fig.2
Pin 6 maximum output current
300
500
650
µAICONTROL = 500µA
Fig.2
Residual noise 1
VN1
—– 94
– 90
dBm
Fig.2
Residual noise 2
VN2
—– 74
– 66
dBm
Fig.2
Discontinuous noise
VNP2
10.5
11.5
dB
Fig.2
Leakage level
—– 94
– 75
dBm
fIN = 20kHz
Fig.2
ICONTROL = 0
µA, VIN = – 30dBm
L (Leak)
ICONTROL = 200
µA, VI = 5mVrms
ICONTROL = 0
µA, BPF
(30 ~ 320kHz, 3dB, 6dB / OCT)
(30 ~ 20kHz, 3dB, 6dB / OCT)
ICONTROL = 200
µA, BPF
ICONTROL = 200
µA, BPF
(30 ~ 20kHz, 3dB, 6dB / OCT)


Similar Part No. - BA6110FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA611 ETC1-BA611 Datasheet
163Kb / 1P
   Silicljeve planarne signalne diode Silicon planar signal diodes
More results

Similar Description - BA6110FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM2014 ETC-SSM2014 Datasheet
359Kb / 10P
   OPERATIONAL VOLTAGE CONTROLLED ELEMENT
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
   VOLTAGE CONTROLLED AMPLIFIER
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
[Old version datasheet]   High Voltage Operational Amplifier
logo
Analog Technologies, In...
AHVOA1500V100MA ANALOGTECHNOLOGIES-AHVOA1500V100MA Datasheet
519Kb / 4P
   High Voltage Operational Amplifier
11/1/2021
logo
Microsemi Corporation
SG143 MICROSEMI-SG143_1 Datasheet
292Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM143 NSC-LM143 Datasheet
228Kb / 12P
   High Voltage Operational Amplifier
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
Microsemi Corporation
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com