Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6235F Datasheet(PDF) 3 Page - Rohm

Part # BA6235F
Description  3V electronic governor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6235F Datasheet(HTML) 3 Page - Rohm

  BA6235F Datasheet HTML 1Page - Rohm BA6235F Datasheet HTML 2Page - Rohm BA6235F Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
522
Motor driver ICs
BA6235F
FExternal dimensions (Units: mm)


Similar Part No. - BA6235F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA623 ETC1-BA623 Datasheet
163Kb / 1P
   Silicljeve planarne signalne diode Silicon planar signal diodes
logo
Rohm
BA6238 ROHM-BA6238 Datasheet
151Kb / 8P
   2-channel reversible motor driver
logo
List of Unclassifed Man...
BA6238 ETC2-BA6238 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA6238A ROHM-BA6238A Datasheet
151Kb / 8P
   2-channel reversible motor driver
BA6238A ROHM-BA6238A Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
More results

Similar Description - BA6235F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6227 ROHM-BA6227 Datasheet
138Kb / 2P
   3V Electric Governor
logo
Unisonic Technologies
BA6220 UTC-BA6220 Datasheet
117Kb / 5P
   GENERAL USE ELECTRONIC GOVERNOR
logo
Rohm
BA6220 ROHM-BA6220 Datasheet
43Kb / 3P
   General use electronic governor
logo
Unisonic Technologies
BA6220 UTC-BA6220_15 Datasheet
190Kb / 5P
   GENERAL USE ELECTRONIC GOVERNOR
logo
Wuxi Youda electronics ...
YD6220 YOUDA-YD6220 Datasheet
134Kb / 3P
   GENERAL USE ELECTRONIC GOVERNOR
logo
Unisonic Technologies
BA6220 UTC-BA6220_12 Datasheet
177Kb / 5P
   GENERAL USE ELECTRONIC GOVERNOR
logo
Sanyo Semicon Device
2SA1703 SANYO-2SA1703 Datasheet
107Kb / 4P
   Low-Frequency Amp, Electronic Governor Applications??????
2SB1119 SANYO-2SB1119 Datasheet
85Kb / 3P
   LF Amp,Electronic Governor Applications
logo
Sony Corporation
CXA1635S SONY-CXA1635S Datasheet
253Kb / 14P
   STEREO PRE-AMPLIFIER/POWER-AMPLIGIER WITH 3V GOVERNOR
logo
Sanyo Semicon Device
2SB544 SANYO-2SB544 Datasheet
445Kb / 5P
   Low-Frequency Power Amp, Electronic Governor Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com