Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6266F Datasheet(PDF) 2 Page - Rohm

Part # BA6266F
Description  6-channel inverter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6266F Datasheet(HTML) 2 Page - Rohm

  BA6266F Datasheet HTML 1Page - Rohm BA6266F Datasheet HTML 2Page - Rohm BA6266F Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Standard ICs
BA6266 / BA6266F
Recommended operating conditions (Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Power supply voltage
VCC
4.75
5
5.25
V
Output voltage
VO
——
30
V
When output is "H"
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input high level voltage
VIH
2
——
V
Input low level voltage
VIL
——
0.8
V
Output saturation voltage 1
VOL1
——
0.4
V
VCC = 4.75V, IOL = 16mA
Output saturation voltage 2
VOL2
——
0.7
V
VCC = 4.75V, IOL = 40mA
Internal equivalent circuit diagram
100
1k
1.6k
2k
1.4k
9k
GND
Y
Output
Input
A
VCC
(Resistance values are typical values.)
Fig.1
Truth table
AY
HL
LH
Application examples
LED driver 1
LED driver 2
Relay driver
AND tie
Fig.2


Similar Part No. - BA6266F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6267 ROHM-BA6267 Datasheet
36Kb / 3P
   Hex buffer / driver
BA6267F ROHM-BA6267F Datasheet
36Kb / 3P
   Hex buffer / driver
More results

Similar Description - BA6266F

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0207-01 POWER-SYSTEMS-PS-DA0207-01 Datasheet
159Kb / 4P
   DC-AC INVERTER UNIT 6 W DUAL OUTPUTS
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_11 Datasheet
86Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPE RENESAS-RJH60D2DPE_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0 Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0 Datasheet
171Kb / 4P
   Silicon N Channel IGBT cation: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com