Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6892FP Datasheet(PDF) 9 Page - Rohm

Part # BA6892FP
Description  4-channel H-bridge type BTL driver for CD players
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6892FP Datasheet(HTML) 9 Page - Rohm

Back Button BA6892FP Datasheet HTML 2Page - Rohm BA6892FP Datasheet HTML 3Page - Rohm BA6892FP Datasheet HTML 4Page - Rohm BA6892FP Datasheet HTML 5Page - Rohm BA6892FP Datasheet HTML 6Page - Rohm BA6892FP Datasheet HTML 7Page - Rohm BA6892FP Datasheet HTML 8Page - Rohm BA6892FP Datasheet HTML 9Page - Rohm BA6892FP Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
453
Optical disc ICs
BA6892FP
FOperation notes
(1)
The BA6892FP has an internal thermal shutdown
circuit. Output current is muted when the chip tempera-
ture exceeds 175
_C (typically) and restored when the
chip temperature falls to 150
_C (typically).
(2)
The mute pin operates normally when open and at
the LOW level (below 0.5V), but mutes the output when
raised to the HIGH level (above 2V). A high impedance
is output during muting. The mute pin functions indepen-
dently for each channel.
(3)
Dead zone width is determined as follows:
Dead zone width = input resistance (attached resistor +
internal input resistor 1k
Ω)
0.2
µA
Dead zone width various according to the gain setting as
defined in the preceding equation.
Example: When attached input resistor = 9.1k
Ω, VDB =
(9.1k+1k)
0.2
µ
2mV
Output pins output high impedance in a dead zone equal
to AmV (total for positive and negative).
(4)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(5)
Connect the radiating fin to an external ground.
FElectrical characteristic curves


Similar Part No. - BA6892FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6890FP ROHM-BA6890FP Datasheet
175Kb / 8P
   4-channel H-bridge-type BTL driver
BA6893AK ROHM-BA6893AK Datasheet
287Kb / 18P
   4-channel driver and power controller
BA6896 ROHM-BA6896 Datasheet
152Kb / 9P
   4-channel BTL driver for CD players
BA6896FP ROHM-BA6896FP Datasheet
152Kb / 9P
   4-channel BTL driver for CD players
BA6897 ROHM-BA6897 Datasheet
196Kb / 12P
   4-channel BTL driver for CD players
More results

Similar Description - BA6892FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6299 ROHM-BA6299 Datasheet
172Kb / 7P
   4-Channel H-bridge type BTL driver for CD players
BA6899AS ROHM-BA6899AS Datasheet
275Kb / 8P
   4-channel H-bridge type BTL driver for CD players
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
   4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
BA6198S ROHM-BA6198S Datasheet
186Kb / 10P
   4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com