Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6898FP Datasheet(PDF) 10 Page - Rohm

Part # BA6898FP
Description  4-channel BTL driver for CD players
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6898FP Datasheet(HTML) 10 Page - Rohm

Back Button BA6898FP Datasheet HTML 3Page - Rohm BA6898FP Datasheet HTML 4Page - Rohm BA6898FP Datasheet HTML 5Page - Rohm BA6898FP Datasheet HTML 6Page - Rohm BA6898FP Datasheet HTML 7Page - Rohm BA6898FP Datasheet HTML 8Page - Rohm BA6898FP Datasheet HTML 9Page - Rohm BA6898FP Datasheet HTML 10Page - Rohm BA6898FP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
680
Optical disc ICs
BA6898S/BA6898FP
FOperation notes (pin Nos. are those for the BA6898S)
(1)
Relationship between mute and reset output
Regulator voltage drop
If the regulator voltage drops to 4.0V (Typ.) or below, the reset output turns low and the
. . . . .
mute turns on. If the voltage then rises again to 4.2V (Typ.), the reset output turns high
and the mute turns off.
Bias voltage drop
If the bias pin (pin 3) voltage lowers to 1.4V (Typ.) or below, the mute turns on and the
. . . . . . . . . .
reset output turns low. For normal operations, have the voltage at 1.6V or greater.
Thermal shutdown
When the chip temperature reaches 175
_C (Typ.), the mute turns on and the reset output
. . . . . . . . .
turns low. If the chip temperature then drops below 150
_C (Typ.), then the mute turns off
and the reset output turns high.
Mute (pin 15)
If the mute pin (pin 15) voltage is open or lowers to 0.5V or below, the mute turns on but
. . . . . . . . . . . . .
the reset output does not change.
(2)
If the voltage of the thermal shutdown, mute ON, or
bias pin drops, or if the regulator voltage drops, the mute
is activated; however, in these situations, only the drivers
are muted. Also, the output pin voltage becomes the in-
ternal bias voltage (approx. (VCC
*VF) / 2).
(3)
Connect a bypass capacitor (approx. 0.1
µF) be-
tween the bases of the power supply pins of this IC.
(4)
Even though pins 16 and 32 are connected to
ground within the package, be sure to also connect them
to a ground externally as well.
(5)
The capacitor connected between the regulator
output pin (pin 14) and GND also serves to prevent os-
cillation, so be sure to use a capacitor with excellent ther-
mal characteristics.
(6)
If the regulator is not used, short the regulator out-
put pin (pin 14) to VCC and have the pin for the externally
connected transistor base (pin 13) open.
(7)
Of the ground pins, only pin 18 is not connected to
the IC substrate. Therefore, design the PC board pattern
so that the potential of GND pin 18 does not go below the
substrate GND (including transient conditions).
FElectrical characteristic curves


Similar Part No. - BA6898FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6890FP ROHM-BA6890FP Datasheet
175Kb / 8P
   4-channel H-bridge-type BTL driver
BA6892 ROHM-BA6892 Datasheet
140Kb / 10P
   4-channel H-bridge type BTL driver for CD players
BA6892FP ROHM-BA6892FP Datasheet
140Kb / 10P
   4-channel H-bridge type BTL driver for CD players
BA6893AK ROHM-BA6893AK Datasheet
287Kb / 18P
   4-channel driver and power controller
BA6896 ROHM-BA6896 Datasheet
152Kb / 9P
   4-channel BTL driver for CD players
More results

Similar Description - BA6898FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
   4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
BA6198S ROHM-BA6198S Datasheet
186Kb / 10P
   4-channel BTL driver for CD players
BA6397FP ROHM-BA6397FP Datasheet
131Kb / 8P
   4-channel BTL driver for CD players
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
   4-channel BTL driver for CD players
BA6297AFP ROHM-BA6297AFP Datasheet
107Kb / 6P
   4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com