Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7149 Datasheet(PDF) 1 Page - Rohm

Part # BA7149
Description  Electronic viewfinder driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7149 Datasheet(HTML) 1 Page - Rohm

  BA7149 Datasheet HTML 1Page - Rohm BA7149 Datasheet HTML 2Page - Rohm BA7149 Datasheet HTML 3Page - Rohm BA7149 Datasheet HTML 4Page - Rohm BA7149 Datasheet HTML 5Page - Rohm BA7149 Datasheet HTML 6Page - Rohm BA7149 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Video ICs
Electronic viewfinder driver
BA7149F
The BA7149F is an electronic viewfinder driver for video cameras. It separates the synchronous signal from the input
video signal, and outputs the vertical deflection drive output and horizontal deflection signals. HD and VD output sig-
nals with guaranteed phase difference are also provided for on-screen displays (OSD). The differences between the
BA7149F and the BA7148F are the horizontal blanking, horizontal AFC output, HD output phase and pulse width.
Applications
Video cameras
Features
1) Operates off a 5V power supply.
2) Built-in vertical deflection circuit.
3) Built-in wide-bandwidth amplifier.
4) Built-in HD and VD output terminals.
5) Few attached components required.
6) SOP 16pin package.
7) Compatible with 10
µ sec flyback pulses.
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
8.0
V
500
mW
°C
°C
VCC Max.
– 20 ~ + 75
– 55 ~ + 125
Pd
Topr
Tstg
Applied voltage
Power dissipation
Operating temperature
Storage temperature
Reduced by 5mW for each increase in Ta of 1°C over 25°C.
Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
4.5
5.0
5.5
V
Power supply voltage


Similar Part No. - BA7149

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7107F ROHM-BA7107F Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7107S ROHM-BA7107S Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA715 ROHM-BA715 Datasheet
173Kb / 3P
   Dual Operational Amplifier
logo
List of Unclassifed Man...
BA715 ETC2-BA715 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BA7149

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2510S ETC1-AN2510S Datasheet
362Kb / 6P
   VIDEO CAMERA ELECTRONIC VIEWFINDER DRIVE CIRCUIT
logo
Lumins Inc.
EC620 LUMINIS-EC620 Datasheet
221Kb / 3P
   LED electronic driver
EC630 LUMINIS-EC630 Datasheet
136Kb / 2P
   LED electronic driver
EC830 LUMINIS-EC830 Datasheet
166Kb / 2P
   LED electronic driver
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL Datasheet
310Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
   ELECTRONIC DRIVER FOR TL BALLASTS
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
logo
Melexis Microelectronic...
MLX10801 MELEXIS-MLX10801 Datasheet
622Kb / 41P
   Power LED driver for automotive applications Power saving low side coil driver Electronic fuse
logo
NEC
2SB1117 NEC-2SB1117 Datasheet
158Kb / 2P
   Suitable for driver of solenoid or motor, or electronic flash
logo
STMicroelectronics
AN880 STMICROELECTRONICS-AN880 Datasheet
192Kb / 14P
   A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com