Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7182AS Datasheet(PDF) 6 Page - Rohm

Part # BA7182AS
Description  2-channel PRE / REC amplifier with auto-tracking interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7182AS Datasheet(HTML) 6 Page - Rohm

  BA7182AS Datasheet HTML 1Page - Rohm BA7182AS Datasheet HTML 2Page - Rohm BA7182AS Datasheet HTML 3Page - Rohm BA7182AS Datasheet HTML 4Page - Rohm BA7182AS Datasheet HTML 5Page - Rohm BA7182AS Datasheet HTML 6Page - Rohm BA7182AS Datasheet HTML 7Page - Rohm BA7182AS Datasheet HTML 8Page - Rohm BA7182AS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Video ICs
BA7182AS
22
1
2
3
4
5
6
7
8
9
10
11
21
20
19
18
17
16
15
14
13
12
0.1
µ
0.1
µ
0.1
µ
0.1
µ
0.022
µ
0.1
µ
0.1
µ
0.1
µ
0.1
µ
0.1
µ
390k
36k
0.01
µ
10
300
3k
33k
L: SP
EP / SP CTRL
AT ENVE HOLD OUT
AT ENVE DET ADJ
PB RF OUT
REC IN
PB / EE / REC CTRL
L: REC MUTE
L: REC START
PB AGC OUT
H SYNC IN
REC LEVEL ADJ
DFF IN
8.2
µ
8.2
µ
REC OUT
5V
+
0.1
µ
2.0V
68p
VCC
Fig. 2
R [
Ω]
C [F]
L [H]
Units:
(Recording system)


Similar Part No. - BA7182AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA718 ROHM-BA718 Datasheet
187Kb / 3P
   Dual Operational Amplifiers
BA7180 ROHM-BA7180 Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AFS ROHM-BA7180AFS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7181 ROHM-BA7181 Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
More results

Similar Description - BA7182AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7181FS ROHM-BA7181FS Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7184S ROHM-BA7184S Datasheet
120Kb / 8P
   4-channel PRE / REC amplifier with auto-tracking interface
BA7274S ROHM-BA7274S Datasheet
127Kb / 6P
   4-channel video-signal PRE/REC amplifier
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
logo
Sony Corporation
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
logo
Toshiba Semiconductor
TA1249F TOSHIBA-TA1249F Datasheet
335Kb / 9P
   2-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
logo
Unisonic Technologies
TA7784P UTC-TA7784P Datasheet
206Kb / 4P
   DUAL PRE-AMPLIFIER FOR AUTO-REVERSE
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com