Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7242 Datasheet(PDF) 2 Page - Rohm

Part # BA7242
Description  Color TV signal encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7242 Datasheet(HTML) 2 Page - Rohm

  BA7242 Datasheet HTML 1Page - Rohm BA7242 Datasheet HTML 2Page - Rohm BA7242 Datasheet HTML 3Page - Rohm BA7242 Datasheet HTML 4Page - Rohm BA7242 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Multimedia ICs
BA7242F
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
7
450
– 20 ~ + 70
– 55 ~ + 125
Unit
V
mW
°C
°C
VCC
Pd
Topr
Tstg
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
Reduced by 4.5mW for each increase in Ta of 1°C over 25°C.
(When mounted on a 70mm
× 70mm × 1.6mm glass epoxy board.)
Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
4.5 ~ 5.5
0 ~ 0.7
0 ~ 0.7
0 ~ 0.7
0.45 ~ 0.60
Unit
V
VP–P
VP–P
VP–P
VP–P
VCC
υRI
υGI
υBI
υSC
Power supply voltage
RIN input level
GIN input level
BIN input level
SCIN input level
Pin descriptions
Pin No.
1
Pin name
Function
BIN
Input for analog B signal. Operate with low impedance.
Input for analog G signal. Operate with low impedance.
Input for analog R signal. Operate with low impedance.
VCC for all except 75
Ω driver.
GND for all except 75
Ω driver.
3.58MHz or 4.43MHz pulse signal input.
Video signal output mode setting. HIGH level = NTSC, LOW level = PAL.
Chrominance signal output. Internal 75
Ω driver.
GND for 75
Ω driver.
Composite video signal output. Internal 75
Ω driver.
Luminance signal output. Internal 75
Ω driver.
VCC for 75
Ω driver.
2
GIN
3
RIN
4VCC1
5
SYNC
6
BFP
7
GND1
8
SCIN
9
NT / PAL
10
COUT
11
GND2
12
VOUT
13
YOUT
14
VCC2
Input for composite SYNC signal. Outputs SYNC signal to VOUT and YOUT pins
when input is LOW.
Input for burst timing signal. Simultaneously performs the burst output and initiates
the pedestal clamp for the RIN, GIN, and BIN input signals when input is LOW.


Similar Part No. - BA7242

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7207 ROHM-BA7207 Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
BA7207AK ROHM-BA7207AK Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
BA7230 ROHM-BA7230 Datasheet
138Kb / 8P
   NTSC color TV signal encoder
BA7230LS ROHM-BA7230LS Datasheet
138Kb / 8P
   NTSC color TV signal encoder
More results

Similar Description - BA7242

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
   Color TV Signal Encoder
BH7236AF ROHM-BH7236AF Datasheet
71Kb / 6P
   Color TV Signal Encoder
BH7240AKV ROHM-BH7240AKV Datasheet
92Kb / 9P
   Color TV signal encoder
BH7240AKV ROHM-BH7240AKV_1 Datasheet
297Kb / 6P
   Color TV signal encoder
BA7230LS ROHM-BA7230LS Datasheet
138Kb / 8P
   NTSC color TV signal encoder
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Panasonic Semiconductor
AN5415 PANASONIC-AN5415 Datasheet
158Kb / 3P
   Color TV Deflection Signal Processing Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com