Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7746 Datasheet(PDF) 3 Page - Rohm

Part # BA7746
Description  VCR Hi-Fi audio signal REC / PB amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7746 Datasheet(HTML) 3 Page - Rohm

  BA7746 Datasheet HTML 1Page - Rohm BA7746 Datasheet HTML 2Page - Rohm BA7746 Datasheet HTML 3Page - Rohm BA7746 Datasheet HTML 4Page - Rohm BA7746 Datasheet HTML 5Page - Rohm BA7746 Datasheet HTML 6Page - Rohm BA7746 Datasheet HTML 7Page - Rohm BA7746 Datasheet HTML 8Page - Rohm BA7746 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Video ICs
BA7746S / BA7746FS
Pin descriptions
1
2
REC: 0.9V
PB: 0V
3—
4—
5
REC: 3.6V
PB: 1.9V
6
REC: 2.0V
PB: 2.0V
VCC
(RL: 1.8k
Ω)
Pin No.
Circuit diagram
Pin name, function and remarks
Voltage
〈VCC REC + B〉
Power supply for REC + B.
Connect to VCC (pin 7).
〈REC TC〉
REC + B time constant.
Use to adjust the REC + B rise time using the C
value. The value of the built-in resistor is 20k
Ω.
The effect of current spikes when recording is
started is reduced
〈HSWP IN〉
Pulse input for head switching.
ch1: H, ch2: L
〈EP / SP CTRL〉
EP / SP mode control.
In EP mode, the playback amplifier gain is set to
+ 5dB (Typ.).
EP: H, SP: L
Do not leave open circuit
〈PRE OUT〉
Playback amplifier output.
Open emitter output.
When there is a chance of oscillation due to
capacitive load, reduce the output current, or
connect a resistor in series (approx. 390
Ω).
Avoid capacitive coupling with the playback input
〈VCA CTRL (PRE MUTE)〉
VCA control.
When the terminal is open (a C is required), the
playback amplifier gain is set to the Typ. value.
The PRE MUTE function is made possible by
connection of a mute H signal to this
through a diode
20k
REC
24k
EP
SP
40k
MUTE H
580
30k
20k


Similar Part No. - BA7746

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7745 ROHM-BA7745 Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
More results

Similar Description - BA7746

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Panasonic Semiconductor
AN3316K PANASONIC-AN3316K Datasheet
26Kb / 2P
   Recording/Playback Amplifier IC for VCR Hi-Fi Audio
logo
Sony Corporation
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
logo
Rohm
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
   Switchless REC / PB amplifier for standard audio signal processing
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com