Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-80-1101 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 15-80-1101
Description  2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76關m (30關) Gold, (Au) Selective Plating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

15-80-1101 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  15-80-1101 Datasheet HTML 1Page - Molex Electronics Ltd. 15-80-1101 Datasheet HTML 2Page - Molex Electronics Ltd. 15-80-1101 Datasheet HTML 3Page - Molex Electronics Ltd. 15-80-1101 Datasheet HTML 4Page - Molex Electronics Ltd. 15-80-1101 Datasheet HTML 5Page - Molex Electronics Ltd. 15-80-1101 Datasheet HTML 6Page - Molex Electronics Ltd. 15-80-1101 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image


Similar Part No. - 15-80-1101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-80-1101 MOLEX11-15-80-1101 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
More results

Similar Description - 15-80-1101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015801121 MOLEX2-0015801121 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76關m (30關) Gold, (Au) Selective Plating
0015800105 MOLEX2-0015800105 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0015800305 MOLEX2-0015800305 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0015801501 MOLEX2-0015801501 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, 0.76關m (30關) Gold, (Au) Selective Plating
0015801221 MOLEX2-0015801221 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 22 Circuits, 0.76關m (30關) Gold, (Au) Selective Plating
0015800265 MOLEX2-0015800265 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 26 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0015801201 MOLEX2-0015801201 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 20 Circuits, 0.76關m (30關) Gold, (Au) Selective Plating
0015800585 MOLEX2-0015800585 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 58 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0015800705 MOLEX2-0015800705 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 70 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0015800665 MOLEX2-0015800665 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 66 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com