Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848BW Datasheet(PDF) 2 Page - Rohm

Part # BC848BW
Description  NPN General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BC848BW Datasheet(HTML) 2 Page - Rohm

  BC848BW Datasheet HTML 1Page - Rohm BC848BW Datasheet HTML 2Page - Rohm BC848BW Datasheet HTML 3Page - Rohm BC848BW Datasheet HTML 4Page - Rohm BC848BW Datasheet HTML 5Page - Rohm BC848BW Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC848BW / BC848B
Transistors
Rev.A
2/5
Packaging specifications
BC848BW
UMT3
G1K
T106
3000
BC848B
SST3
G1K
T116
3000
Part No.
Packaging type
Marking
Code
Basic ordering unit (pieces)
Electrical characteristic curves
0
80
60
40
20
100
2.0
0
1.0
IB
=0mA
0.1
0.2
0.4
0.6
0.8
1.0
1.2
Ta
=25°C
VCE
−COLLECTOR-EMITTER VOLTAGE (V)
Fig.1 Grounded emitter output
characteristics ( )
0
8.0
6.0
4.0
2.0
10.0
2.0
0
1.0
IB
=0µA
5
10
15
20
25
30
35
Ta
=25°C
VCE-COLLECTOR-EMITTER VOLTAGE (V)
Fig.2 Grounded emitter output
characteristics ( )
Ta
=25°C
0.1
10
1.0
100
1000
100
1000
10
IC-COLLECTOR CURRENT (mA)
VCE
=10V
1V
5V
Fig.3 DC current gain vs. collector current ( )
VCE=5V
0.1
10
1.0
100
1000
100
1000
10
IC-COLLECTOR CURRENT (mA)
Ta
=125°C
Ta
=25°C
Ta
=−55°C
Fig.4 DC current gain vs. collector current ( )


Similar Part No. - BC848BW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC848BW SIEMENS-BC848BW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC848BW DIOTEC-BC848BW Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Diodes Incorporated
BC848BW DIODES-BC848BW Datasheet
47Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
Taiwan Semiconductor Co...
BC848BW TSC-BC848BW Datasheet
334Kb / 5P
   NPN Transistor
logo
Infineon Technologies A...
BC848BW INFINEON-BC848BW Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC848BW

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com