Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH6150F Datasheet(PDF) 4 Page - Rohm

Part # BH6150F
Description  System reset IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6150F Datasheet(HTML) 4 Page - Rohm

  BH6150F Datasheet HTML 1Page - Rohm BH6150F Datasheet HTML 2Page - Rohm BH6150F Datasheet HTML 3Page - Rohm BH6150F Datasheet HTML 4Page - Rohm BH6150F Datasheet HTML 5Page - Rohm BH6150F Datasheet HTML 6Page - Rohm BH6150F Datasheet HTML 7Page - Rohm BH6150F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Memory ICs
BH6150F
Electrical characteristics (unless otherwise specified VCC = 4.5V to 5.5V and Ta = 25°C)
Reset circuit 1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Detection voltage
Hysteresis voltage
High level transmission delay time
Low level transmission delay time
Output low level voltage
Input voltage range
Input current
VS1
∆VS1
TPLH1
TPHL1
VOL1
VIN
IIN
1.20
9
80
– 0.3
1.25
15
200
10
0.1
200
1.30
23
500
0.4
VCC
500
V
mV
µs
µs
V
V
nA
CL = 100pF
CL = 100pF
VIN < 1.2V, IOL = 5mA
VIN = 1.25V
Reset circuit 2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Detection voltage
Hysteresis voltage
High level transmission delay time
Low level transmission delay time
Output low level voltage
Manual reset
Input high level voltage
Input high level current
Input low level voltage
VS2
∆VS2
TPLH2
TPHL2
VOL2
VRESH
IRESH
VRESL
4.0
30
15
30
60
120
2
– 0.3
4.2
50
25
50
100
200
0.5
0.1
20
4.4
100
35
70
140
280
0.4
VCC
80
0.8
V
mV
ms
ms
ms
ms
µs
V
V
µA
V
Ct0 = L, Ct1 = H
Ct0 = H, Ct1 = L
Ct0 = H, Ct1 = H
Ct0 = L, Ct1 = L
CL = 100pF
VCC < 4V, IOL = 5mA
VRES = 2V
CL = 100pF
Common specifications
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current when off
Circuit current when on
Detection voltage temperature coefficient
Output high level voltage
Operation limit voltage
ICC1
ICC2
VS /
∆T
VOH1,2
VOPL1,2
VCC – 0.7
1000
2
0.01
VCC – 0.4
0.71
1400
3
0.85
µA
mA
% /
°C
V
V
VCC = 5V, VIN > VS1
VCC = 4V, VIN < VS1
IOH = 40
µA
VSAT
0.4V, RL = 1K


Similar Part No. - BH6150F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6111FV ROHM-BH6111FV Datasheet
148Kb / 9P
   Power unit IC for pagers
BH6113FV ROHM-BH6113FV Datasheet
207Kb / 11P
   Power unit ICs for pagers
BH6114FV ROHM-BH6114FV Datasheet
207Kb / 11P
   Power unit ICs for pagers
logo
Bi technologies
BH61331F BITECH-BH61331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
BH61331J BITECH-BH61331J Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
More results

Similar Description - BH6150F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
   System Reset IC
logo
New Japan Radio
NJU2103B NJRC-NJU2103B Datasheet
1Mb / 29P
   System Reset IC
Ver.1.1
NJM2102 NJRC-NJM2102 Datasheet
314Kb / 11P
   SYSTEM RESET IC
logo
KODENSHI_AUK CORP.
BMR-0101 KODENSHI-BMR-0101 Datasheet
316Kb / 2P
   System Reset IC
logo
New Japan Radio
NJM2103M-TE2 NJRC-NJM2103M-TE2 Datasheet
241Kb / 8P
   SYSTEM RESET IC
logo
KODENSHI_AUK CORP.
BMR-0401 KODENSHI-BMR-0401 Datasheet
322Kb / 2P
   System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com