Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH7236AF Datasheet(PDF) 3 Page - Rohm

Part # BH7236AF
Description  Color TV Signal Encoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7236AF Datasheet(HTML) 3 Page - Rohm

  BH7236AF Datasheet HTML 1Page - Rohm BH7236AF Datasheet HTML 2Page - Rohm BH7236AF Datasheet HTML 3Page - Rohm BH7236AF Datasheet HTML 4Page - Rohm BH7236AF Datasheet HTML 5Page - Rohm BH7236AF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Multimedia ICs
BH7236AF
Absolute maximum ratings (Ta = 25°C)
Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
7V
Power dissipation
mW
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
Pd
550
When mounted on a 50 × 50 × 1.6mm glass epoxy board.
Reduced by 5.5mW for each increase in Ta of 1
°C over 25°C.
– 20 ~ + 70
– 55 ~ + 125
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
4.5 ~ 5.5
V
0 ~ 1.0
VP-P
0 ~ 1.0
VP-P
0 ~ 1.0
VP-P
0.4 ~ 5.0
VP-P
RIN input level
GIN input level
BIN input level
SCIN input level
υRI
υGI
υBI
υSC


Similar Part No. - BH7236AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7236AF ROHM-BH7236AF Datasheet
269Kb / 6P
   Color TV signal encoder
BH7236AF ROHM-BH7236AF Datasheet
269Kb / 6P
   silicon monolithic integrated circuit
BH7236AF-E2 ROHM-BH7236AF-E2 Datasheet
269Kb / 6P
   silicon monolithic integrated circuit
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
More results

Similar Description - BH7236AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
   Color TV Signal Encoder
BA7242F ROHM-BA7242F Datasheet
61Kb / 5P
   Color TV signal encoder
BH7240AKV ROHM-BH7240AKV Datasheet
92Kb / 9P
   Color TV signal encoder
BH7240AKV ROHM-BH7240AKV_1 Datasheet
297Kb / 6P
   Color TV signal encoder
BA7230LS ROHM-BA7230LS Datasheet
138Kb / 8P
   NTSC color TV signal encoder
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Panasonic Semiconductor
AN5415 PANASONIC-AN5415 Datasheet
158Kb / 3P
   Color TV Deflection Signal Processing Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com