Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH9596 Datasheet(PDF) 1 Page - Rohm

Part # BH9596
Description  SCSI active terminator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH9596 Datasheet(HTML) 1 Page - Rohm

  BH9596 Datasheet HTML 1Page - Rohm BH9596 Datasheet HTML 2Page - Rohm BH9596 Datasheet HTML 3Page - Rohm BH9596 Datasheet HTML 4Page - Rohm BH9596 Datasheet HTML 5Page - Rohm BH9596 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Mulimedia ICs
SCSI active terminator
BH9595FP-Y / BH9596FP-Y
These SCSI active terminators, developed as a substitute for conventional discrete terminators, maintain good con-
sistency between VM level (2.85V) and GND level (0V) and between VM level and VDD level, and have extremely
low power consumption, dropping to a maximum of 90 milliwatts at standby (compared to the maximum of 990 milli-
watts used by conventional resistance terminators). These SCSI active terminators electrically control SCSI lines,
connecting and disengaging the terminating resistor by electrically controlling the enable pin. (The enable pin is
enabled at the HIGH level and switched to the High-Z state by the LOW level in the BH9595 and by the HIGH level in
the BH9596, completely disconnecting the SCSI line from the SCSI terminator.)
These SCSI active terminators allow for the configuration of flexible, energy-saving SCSI networks, and are ideal for
notebook computers, hard disk drives and a wide range of other products with SCSI capabilities.
Applications
Compact disk drives, optical disk drives, CD-ROM dri-
ves, tape drives, personal computers (including laptop
computers and notebook computers), workstations,
mainframes, laser printers, plotters
Features
1) Internal 2.85V power supply and push-pull opera-
tion, for good consistency at all signal levels.
2) Enable pin for terminator enabling and disconnect-
ing, facilitating SCSI network construction.
3) Low power consumption, ideal for energy-saving
systems.
Power consumption during standby : 90mW (com-
pared to 990mW for conventional resistor termina-
tors)Power consumption at 25% duty : 614mW
(compared to 1,360mW for convention resistor ter-
minators)Significant reductions in power consump-
tion are possible.
4) Wide operating range.
TERM power : 4.0 ~ 5.5V (Transient : 6.0V)
5) Thin, microminiature design, ideal for space-saving
applications.
Package body size : 13.6
× 5.4 × 1.9mm
6) Active termination of 18-line SCSI.
7) Internal thermal shutdown circuit.
8) Compatibility with SCSI-I and SCSI-II.


Similar Part No. - BH9596

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BH95331F BITECH-BH95331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
BH95331J BITECH-BH95331J Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
BH95471F BITECH-BH95471F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
BH95471J BITECH-BH95471J Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
More results

Similar Description - BH9596

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
   SCSI active terminator IC
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com