Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L04FJ-W Datasheet(PDF) 8 Page - Rohm

Part # BR24L04FJ-W
Description  512횞8 bit electrically erasable PROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L04FJ-W Datasheet(HTML) 8 Page - Rohm

Back Button BR24L04FJ-W Datasheet HTML 4Page - Rohm BR24L04FJ-W Datasheet HTML 5Page - Rohm BR24L04FJ-W Datasheet HTML 6Page - Rohm BR24L04FJ-W Datasheet HTML 7Page - Rohm BR24L04FJ-W Datasheet HTML 8Page - Rohm BR24L04FJ-W Datasheet HTML 9Page - Rohm BR24L04FJ-W Datasheet HTML 10Page - Rohm BR24L04FJ-W Datasheet HTML 11Page - Rohm BR24L04FJ-W Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
BR24L04-W / BR24L04F-W / BR24L04FJ-W
Memory ICs
BR24L04FV-W / BR24L04FVM-W
8/25
Device operation
1) Start condition (Recognition of start bit)
• All commands are proceeded by the start condition, which is a HIGH to LOW transition of SDA when SCL is HIGH.
• The device continuously monitors the SDA and SCL lines for the start condition and will not respond to any command
until this condition has been met. (See Fig.4 SYNCHRONOUS DATA TIMING)
2) Stop condition (Recognition of stop bit)
• All communications must be terminated by a stop condition, which is a LOW to HIGH transition of SDA when SCL is
HIGH. (See Fig.4 SYNCHRONOUS DATA TIMING)
3) Notice about write command
• In the case that stop condition is not executed in WRITE mode, transferred data will not be written in a memory.
4) Device addressing
• Following a START condition, the master output the slave address to be accessed.
• The most significant four bits of the slave address are the “device type identifier”, for this device it is fixed as “1010”.
• The next two bit (device address) identify the specified device on the bus.
The device address is defined by the state of A1 and A2 input pins. This IC works only when the device address
inputted from SDA pin correspond to the state of A1 and A2 input pins. Using this address scheme, up to four
devices may be connected to the bus. The next bit (PS) is used by the master to select two 256 word page of
memory.
PS set to “0” - - - - - - 1page (000 to 0FF)
PS set to “1” - - - - - - 2page (100 to 1FF)
• The last bit of the stream (R/W - - - READ / WRITE) determines the operation to be performed. When set to “1”, a read
operation is selected ; when set to “0”, a write operation is selected.
R / W set to “0” - - - - - - WRITE (including word address input of Random Read)
R / W set to “1” - - - - - - READ
A2
A1
PS
1010
R / W
5) Write protect (WP)
When WP pin set to VCC (H level), write protect is set for 512 words (all address).
When WP pin set to GND (L level), enable to write 512 words (all address).
Either control this pin or connect to GND (or VCC). It is inhibited from being left unconnected.


Similar Part No. - BR24L04FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L04FJ-WE2 ROHM-BR24L04FJ-WE2 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L04FJ-WTR ROHM-BR24L04FJ-WTR Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L04FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L32 ROHM-BR24L32 Datasheet
443Kb / 26P
   4k횞8 bit electrically erasable PROM
BR24L16 ROHM-BR24L16 Datasheet
390Kb / 26P
   2k횞8 bit electrically erasable PROM
BR24L01 ROHM-BR24L01 Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
BR24L02 ROHM-BR24L02 Datasheet
391Kb / 26P
   256x8 bit electrically erasable PROM
BR24L02-W ROHM-BR24L02-W Datasheet
390Kb / 26P
   256횞8 bit electrically erasable PROM
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
529Kb / 25P
   256짰 bit Electrically Erasable PROM
BR24L08-W ROHM-BR24L08-W Datasheet
388Kb / 25P
   1024횞8 bit electrically erasable PROM
BR24L08-W ROHM-BR24L08-W_07 Datasheet
397Kb / 26P
   1024횞8 bit electrically erasable PROM
BR24L64-W ROHM-BR24L64-W_1 Datasheet
436Kb / 26P
   8k횞8 bit electrically erasable PROM
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
   Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com