Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93LC46RF-W Datasheet(PDF) 10 Page - Rohm

Part # BR93LC46RF-W
Description  64횞16bits serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93LC46RF-W Datasheet(HTML) 10 Page - Rohm

Back Button BR93LC46RF-W Datasheet HTML 3Page - Rohm BR93LC46RF-W Datasheet HTML 4Page - Rohm BR93LC46RF-W Datasheet HTML 5Page - Rohm BR93LC46RF-W Datasheet HTML 6Page - Rohm BR93LC46RF-W Datasheet HTML 7Page - Rohm BR93LC46RF-W Datasheet HTML 8Page - Rohm BR93LC46RF-W Datasheet HTML 9Page - Rohm BR93LC46RF-W Datasheet HTML 10Page - Rohm BR93LC46RF-W Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
BR93LC46-W / BR93LC46F-W / BR93LC46RF-W /
Memory ICs
BR93LC46FJ-W / BR93LC46RFJ-W / BR93LC46FV-W
(5) Power supply noise
The BR93LC46-W discharge high volumes of high voltage when a write is completed. The power supply may
fluctuate at such times. Therefore, make sure a capacitor of 1000pF or greater is connected between VCC (Pin 8) and
GND (Pin 5).
(6) Connecting DI and DO directly
The BR93LC46-W have an independent input pin (DI) and output pin (DO). These are treated as individual signals
on the timing chart but can be controlled through one control line. Control can be initiated on a single control line by
inserting a resistor R.
µCOM
R
DI
DO
BR93LC46
IO port
Fig. 19 Common connections for the DI and DO control line
1) Data collision between the
µ-COM output and the DO output
Within the input and output timing of the BR93LC46-W the drive from the
µ-COM output to the DI input and a signal
output from the DO output can be emitted at the same time. This happens only for the 1 clock cycle (a dummy bit
“0” is output to the DO pin) which acquires the A0 address data during a read cycle.
When the address data A0 = 1, the
µ-COM output becomes a direct current source for the DO pin. The resistor R
is the only resistance which limits this current. Therefore, a resistor with a value which satisfies the
µ-COM and the
BR93LC46-W current capacity is required. When using a single control line, when a dummy bit “0” is output to the
DO, the
µ-COM I / O address data A0 is also output. Therefore, the dummy bit cannot be detected.
2) Feedback to the DI input from the DO output
Data is output from the DO pin and then feeds back into the DI input through the resistor R. This happens when:
DO data is output during a read operation
A READY / BUSY signal is output during WRITE or WRAL operation
Such feedback does not cause problems in the basic operation of the BR93LC46-W.
The
µ-COM input level must be adequately maintained for the voltage drop at R which is caused by the total input
leakage current for the
µ-COM and the BR93LC46-W. In the state in which SK is input, when the READY / BUSY
function is used, make sure that CS is dropped to LOW within four clock pulses of the output of the READY signal
HIGH and the standby mode is restored. For input after the fifth clock pulse, the READY HIGH will be taken as the
start bit and WDS or some other mode will be activated, depending on the DI state.


Similar Part No. - BR93LC46RF-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC46RF ROHM-BR93LC46RF Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results

Similar Description - BR93LC46RF-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC08B ARTSCHIP-24LC08B Datasheet
207Kb / 19P
   Serial EEPROM
24LC16B ARTSCHIP-24LC16B Datasheet
486Kb / 19P
   Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC08W CATALYST-CAT24WC08W Datasheet
2Mb / 14P
   Serial EEPROM
logo
Rohm
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com