Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93LC46RFJ-W Datasheet(PDF) 5 Page - Rohm

Part # BR93LC46RFJ-W
Description  64횞16bits serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93LC46RFJ-W Datasheet(HTML) 5 Page - Rohm

  BR93LC46RFJ-W Datasheet HTML 1Page - Rohm BR93LC46RFJ-W Datasheet HTML 2Page - Rohm BR93LC46RFJ-W Datasheet HTML 3Page - Rohm BR93LC46RFJ-W Datasheet HTML 4Page - Rohm BR93LC46RFJ-W Datasheet HTML 5Page - Rohm BR93LC46RFJ-W Datasheet HTML 6Page - Rohm BR93LC46RFJ-W Datasheet HTML 7Page - Rohm BR93LC46RFJ-W Datasheet HTML 8Page - Rohm BR93LC46RFJ-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BR93LC46-W / BR93LC46F-W / BR93LC46RF-W /
Memory ICs
BR93LC46FJ-W / BR93LC46RFJ-W / BR93LC46FV-W
(2) Operation timing characteristics
For 5V operation (unless otherwise noted, Ta =
−40 to + 85°C, VCC = 5.0V ± 10%)
Parameter
Symbol
Min.
Typ.
Max.
Unit
fSK
−−
1
MHz
tSKH
450
−−
ns
tSKL
450
−−
ns
tCS
450
−−
ns
tCSS
50
−−
ns
tDIS
100
−−
ns
tCSH
0
−−
ns
tDIH
100
−−
ns
tPD1
−−
500
ns
tPD0
−−
500
ns
tSV
−−
500
ns
tDF
−−
100
ns
−−
10
ms
SK clock frequency
tE / W
SK "HIGH" time
SK "LOW" time
CS "LOW" time
CS setup time
DI setup time
CS hold time
DI hold time
Data "1" output delay time
Data "0" output delay time
Time from CS to output confirmation
Time from CS to output High impedance
Write cycle time
For low voltage operation (unless otherwise noted, Ta =
−40 to + 85°C, VCC = 3.0V ± 10%)
Parameter
Symbol
Min.
Typ.
Max.
Unit
fSK
−−
250
kHz
tSKH
1
−−
µs
tSKL
1
−−
µs
tCS
1
−−
µs
tCSS
200
−−
ns
tDIS
400
−−
ns
tCSH
0
−−
ns
tDIH
400
−−
ns
tPD1
−−
2
µs
tPD0
−−
2
µs
tSV
−−
2
µs
tDF
−−
400
ns
−−
25
ms
SK clock frequency
tE / W
SK "HIGH" time
SK "LOW" time
CS "LOW" time
CS setup time
DI setup time
CS hold time
DI hold time
Data "1" output delay time
Data "0" output delay time
Time from CS to output confirmation
Time from CS to output High impedance
Write cycle time
When reading at low voltage (unless otherwise noted, Ta =
−40 to + 85°C, VCC = 2.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
fSK
−−
200
kHz
tSKH
2
−−
µs
tSKL
2
−−
µs
tCS
2
−−
µs
tCSS
400
−−
ns
tDIS
800
−−
ns
tCSH
0
−−
ns
tDIH
800
−−
ns
tPD1
−−
4
µs
tPD0
−−
4
µs
tDF
−−
800
ns
SK clock frequency
SK "HIGH" time
SK "LOW" time
CS "LOW" time
CS setup time
DI setup time
CS hold time
DI hold time
Data "1" output delay time
Data "0" output delay time
Time from CS to output High impedance
Not designed for radiative rays.


Similar Part No. - BR93LC46RFJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC46RF ROHM-BR93LC46RF Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results

Similar Description - BR93LC46RFJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC08B ARTSCHIP-24LC08B Datasheet
207Kb / 19P
   Serial EEPROM
24LC16B ARTSCHIP-24LC16B Datasheet
486Kb / 19P
   Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC08W CATALYST-CAT24WC08W Datasheet
2Mb / 14P
   Serial EEPROM
logo
Rohm
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com