Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2050F Datasheet(PDF) 1 Page - Rohm

Part # BU2050F
Description  8-bit serial in, parallel out driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2050F Datasheet(HTML) 1 Page - Rohm

  BU2050F Datasheet HTML 1Page - Rohm BU2050F Datasheet HTML 2Page - Rohm BU2050F Datasheet HTML 3Page - Rohm BU2050F Datasheet HTML 4Page - Rohm BU2050F Datasheet HTML 5Page - Rohm BU2050F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Standard ICs
8-bit serial in, parallel out driver IC
BU2050F
The BU2050F is a driver IC that is comprised of an 8-bit shift register and a latch (serial in / parallel out). The data
read into the shift register can be asynchronously latched. The CMOS outputs can provide 25mA (Max.) of current
per output, making this IC ideal for a wide range of applications including driving LEDS.
Applications
Printers, mini-component stereo systems, car audio systems, and musical instruments
Features
1) Regardless of the clock and data input, the CLR pin
resets the latch circuit, and sets all outputs to the low
level.
2) Output drive capacity: 25mA / output (Max.).
3) Input pin hysteresis: 0.5V (Typ.).
Block diagram
11
CLR
10
STB
9
CLK
8
DATA
12
P1
13
P2
14
4567
3
2
1
VDD
VSS
P6
P7
P8
P5
P4
P3
SHIFT REGISTER
LATCH
OUTPUT Driver
CTRL


Similar Part No. - BU2050F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2050F ROHM-BU2050F Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2050F-E2 ROHM-BU2050F-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Similar Description - BU2050F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
   8-bit Serial-in Parallel-out LED Driver IC
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Renesas Technology Corp
RD30LDT3595 RENESAS-RD30LDT3595 Datasheet
197Kb / 7P
   24-bit Serial-in Parallel-out LED Driver IC
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
   8-Bit Serial In/Parallel Out Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com