Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2114F Datasheet(PDF) 1 Page - Rohm

Part # BU2114F
Description  8-bit shift register and latch driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2114F Datasheet(HTML) 1 Page - Rohm

  BU2114F Datasheet HTML 1Page - Rohm BU2114F Datasheet HTML 2Page - Rohm BU2114F Datasheet HTML 3Page - Rohm BU2114F Datasheet HTML 4Page - Rohm BU2114F Datasheet HTML 5Page - Rohm BU2114F Datasheet HTML 6Page - Rohm BU2114F Datasheet HTML 7Page - Rohm BU2114F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Standard ICs
8-bit shift register and latch driver
BU2114 / BU2114F
The BU2114 and BU2114F are CMOS ICs with low power consumption, and are equipped with an 8-bit shift register
latch. Data in the shift register can be latched asynchronously. The outputs (O1 to O8) are open drain outputs
(because there is no protection diode, a maximum voltage above VDD, of up to 7V, can be applied), and one output
can drive 36 mA. A total output of up to 150 mA can be driven (when using static operation).
Applications
These are designed for a wide range of applications in microcomputer peripheral circuits, such as in industrial equip-
ment, office telephones, audio visual equipment, and expansion input and output boards.
Features
1) The CMOS configuration enables low power con-
sumption.
2) Open drain output.
3) Latch to 8-bit shift register provided, enabling drive
of up to 150mA. (ISINK = 36mA)
4) Cascade connections possible.
Absolute maximum ratings (unless otherwise noted, Ta = 25°C)
Parameter
Symbol
Limits
Unit
Applied voltage
Input voltage
Operating temperature
Storage temperature
Input protection diode current
Power dissipation
VDD
– 0.3 ~ + 7.0
V
VIN
– 0.3 ~ VDD0.3
V
Topr
– 25 ~ + 75
°C
Tstg
– 55 ~ + 150
°C
ID
± 20
mA
BU2114
Pd
11001
mW
BU2114F
4002
1 Power dissipation is reduced by 8.8mW for each increase in Ta of 1°C over 25°C.
2 Power dissipation is reduced by 3.2mW for each increase in Ta of 1°C over 25°C.
Recommended operating conditions (unless otherwise noted, Ta = 25°C)
Not designed for radiation resistance.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Recommend voltage
Input voltage
Output voltage
VDD
4.5
5.0
5.5
V
VIN
0
VDD
V
SIN, CK, LATCH, EN, RST
VOUT
0
VDD
V
SOUT


Similar Part No. - BU2114F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2112F ROHM-BU2112F Datasheet
242Kb / 3P
   MonolithicICs
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21170MUV-E2 ROHM-BU21170MUV-E2 Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
More results

Similar Description - BU2114F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
   8-BIT LATCH/SHIFT REGISTER
logo
STMicroelectronics
M54HC597 STMICROELECTRONICS-M54HC597 Datasheet
280Kb / 13P
   8 BIT LATCH/SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9595FK TOSHIBA-TC74VHC9595FK Datasheet
490Kb / 9P
   8-Bit Shift Register/Latch
2018-06-22
TC74VHC595F TOSHIBA-TC74VHC595F Datasheet
311Kb / 9P
   8 BIT SHIFT REGISTER /LATCH
logo
Renesas Technology Corp
HD74HC597 RENESAS-HD74HC597 Datasheet
117Kb / 10P
   8-bit Latch / Shift Register
logo
Panasonic Semiconductor
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
   8-Bit Shift Register Latch Constant Current Driver IC
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com