Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2190F Datasheet(PDF) 1 Page - Rohm

Part # BU2190F
Description  Clock generator for PD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2190F Datasheet(HTML) 1 Page - Rohm

  BU2190F Datasheet HTML 1Page - Rohm BU2190F Datasheet HTML 2Page - Rohm BU2190F Datasheet HTML 3Page - Rohm BU2190F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Multimedia ICs
Clock generator for PD
BU2190F
The BU2190F is a clock generator IC for PD system drives, and uses a single crystal resonator to generate the three
clock signals needed for PD system drives.
Applications
PD system
Features
1) Clock signals of three different frequencies can be
generated with a single attached crystal resonator.
2) Internal PLL loop filter, eliminating the need for an
attached loop.
3) Single 5.0V power supply.
4) SOP 8-pin package.
Block diagram
XTALI
XTALO
16.9344MHz
XTAL
OSC
DATA 2
DATA 1
PLL 1
PLL 2
VREF
1 / 2
1 / 2
BCLK
CLK 1
CLK 2
59.2704MHz
40.2192MHz
16.9344MHz
OE


Similar Part No. - BU2190F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
   Clock generator for personal
More results

Similar Description - BU2190F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
   Clock Generator for Printer
logo
Rohm
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
   Clock generator for PC
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Rohm
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
   Clock generator for personal
logo
Silicon Laboratories
SL28647 SILABS-SL28647 Datasheet
275Kb / 27P
   Clock Generator for Intel짰CK505
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
SpectraLinear Inc
CY28331 SPECTRALINEAR-CY28331 Datasheet
178Kb / 16P
   Clock Generator for AMD??Hammer
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Freescale Semiconductor...
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
   Clock Generator for PowerQUICC III
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com