Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2616 Datasheet(PDF) 5 Page - Rohm

Part # BU2616
Description  PLL frequency synthesizer for tuners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2616 Datasheet(HTML) 5 Page - Rohm

  BU2616 Datasheet HTML 1Page - Rohm BU2616 Datasheet HTML 2Page - Rohm BU2616 Datasheet HTML 3Page - Rohm BU2616 Datasheet HTML 4Page - Rohm BU2616 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FExternal dimensions (Units: mm)
123
Audio ICs
BU2616F
(7)
GT: Control of frequency measurement time
0: 32ms
1: 64ms
(8)
SW: If this bit is set to ON while AMIN is
selected, swallow counter division is possible.
(9)
PL PH: Control of charge pump output
PL = 0, PH = 0 PD1, PD2 go to PLL operation.
PL = 1, PH = 0 PD1, PD2 go to LO level.
PL = 0, PH = 1 PD1, PD2 go to HI level.
PL = 1, PH = 1 PD1, PD2 go to LO level.
(10) TS: Test data (0) is input
FIntermediate frequency detection circuit and the
FDO output.
(1)
Structure
(2)
How the IF frequency detection circuit operates
When control data CT is set to ON, the counter and the
amp go into operation. When CT equals 0, the amp input
pulldown counter is reset.
(3)
Explanation of the DO
∗1 When the IF counter is OFF (CT = 0), SD input ap-
pears at the DO.
∗2 When the IF counter is set to ON (CT = 1), the con-
trol system keeps it at LO level until the measure-
ment is finished.
∗3 After the measurement is finished, it goes to HI level
if it is within the range of input frequency settings,
and is kept at LO level if it is beyond the range of in-
put frequency settings. When CT = 0, it returns to
the conditions described under paragraph
∗1.


Similar Part No. - BU2616

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2611AF ROHM-BU2611AF Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2611AFS ROHM-BU2611AFS Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2614 ROHM-BU2614 Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
BU2614FS ROHM-BU2614FS Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
More results

Similar Description - BU2616

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2615S ROHM-BU2615S Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU2624AF ROHM-BU2624AF Datasheet
136Kb / 9P
   PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
   PLL frequency synthesizer for tuners
BU2614 ROHM-BU2614 Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
   PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Sanyo Semicon Device
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
   Controller for PLL Frequency Synthesizer
logo
Samsung semiconductor
S5T8809 SAMSUNG-S5T8809 Datasheet
123Kb / 14P
   PLL FREQUENCY SYNTHESIZER FOR PAGER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com