Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-70567-0285 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-70567-0285
Description  2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 30 Circuits, 0.38關m (15關) Gold, (Au) Selective Plating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

A-70567-0285 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-70567-0285 Datasheet HTML 1Page - Molex Electronics Ltd. A-70567-0285 Datasheet HTML 2Page - Molex Electronics Ltd. A-70567-0285 Datasheet HTML 3Page - Molex Electronics Ltd. A-70567-0285 Datasheet HTML 4Page - Molex Electronics Ltd. A-70567-0285 Datasheet HTML 5Page - Molex Electronics Ltd. A-70567-0285 Datasheet HTML 6Page - Molex Electronics Ltd. A-70567-0285 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image


Similar Part No. - A-70567-0285

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-70567-0285 MOLEX2-A-70567-0285 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 6 Circuits, Tin (Sn) Plating
A-70567-0285 MOLEX11-A-70567-0285 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 30 Circuits, 0.38關m Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
More results

Similar Description - A-70567-0285

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015800303 MOLEX2-0015800303 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 30 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0015800269 MOLEX2-0015800269 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 26 Circuits, 0.38關m (15關) Gold, (Au) Selective Plating
0015800483 MOLEX2-0015800483 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 48 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0015800263 MOLEX2-0015800263 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 26 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0015800283 MOLEX2-0015800283 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 28 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0015800069 MOLEX2-0015800069 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 6 Circuits, 0.38關m (15關) Gold, (Au) Selective Plating
0015800369 MOLEX2-0015800369 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 36 Circuits, 0.38關m (15關) Gold, (Au) Selective Plating
0015800209 MOLEX2-0015800209 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 20 Circuits, 0.38關m (15關) Gold, (Au) Selective Plating
0015800129 MOLEX2-0015800129 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 12 Circuits, 0.38關m (15關) Gold, (Au) Selective Plating
0015800063 MOLEX2-0015800063 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 6 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com