Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4053BCF Datasheet(PDF) 2 Page - Rohm

Part # BU4053BCF
Description  Triple 2-channel analog multiplexer / demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4053BCF Datasheet(HTML) 2 Page - Rohm

  BU4053BCF Datasheet HTML 1Page - Rohm BU4053BCF Datasheet HTML 2Page - Rohm BU4053BCF Datasheet HTML 3Page - Rohm BU4053BCF Datasheet HTML 4Page - Rohm BU4053BCF Datasheet HTML 5Page - Rohm BU4053BCF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Standard ICs
BU4053BC / BU4053BCF / BU4053BCFV
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage2
V
Power dissipation
mW
Operating temperature
– 40 ~ + 85
°C
Storage temperature
– 55 ~ + 150
°C
Input voltage
VIN
V
VDD - VEE
– 0.5 ~ + 20
Power supply voltage1
V
VDD
– 0.5 ~ + 20
– 0.5 ~ VDD + 0.5
Pd
Topr
Tstg
1000 (DIP), 500 (SOP), 400 (SSOP)
Electrical characteristics
DC characteristics (unless otherwise noted, Ta = 25°C, VEE = VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VDD (V)
Input high-level voltage
VIH
3.5
V
5
Fig.1
7.0
10
11.0
15
Input low-level voltage
VIL
1.5
V
5
Fig.1
3.0
10
4.0
15
Input high-level current
IIH
0.3
µA15
VIH = 15V
Fig.1
Input low-level current
IIL
– 0.3
µA15
VIL = 0V
VIN = VDD / 2
Fig.1
RON
950
5
Fig.2
250
10
160
15
—10—
5
Fig.2
—6—
10
—4—
15
OFF-channel
leakage current
IOFF
0.3
µA
15
Fig.3
– 0.3
15
Static current
dissipation
IDD
——
5
µA
5
VI = VDD or GND
10
10
15
15
RON resistance
RON resistance
deflexion
∆RON


Similar Part No. - BU4053BCF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4053BCF ROHM-BU4053BCF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4053BCF ROHM-BU4053BCF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4053BCF-E2 ROHM-BU4053BCF-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4053BCF-E2 ROHM-BU4053BCF-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4053BCFV ROHM-BU4053BCFV Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4053BCF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com