Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4066BC Datasheet(PDF) 3 Page - Rohm

Part # BU4066BC
Description  Quad analog switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4066BC Datasheet(HTML) 3 Page - Rohm

  BU4066BC Datasheet HTML 1Page - Rohm BU4066BC Datasheet HTML 2Page - Rohm BU4066BC Datasheet HTML 3Page - Rohm BU4066BC Datasheet HTML 4Page - Rohm BU4066BC Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Standard ICs
BU4066BC / BU4066BCF / BU4066BCFV
Electrical characteristics
Switching characteristics (unless otherwise noted, Ta = 25°C, CL = 50pF)
VSS = – 5V, RL = 10k
– 50dB at channel off.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
Propagation delay time
SW IN
→OUT
tPLH
tPHL
—20
50
ns
5
RL = 10k
Fig.2
10
—12
40
15
—10
30
Propagation delay time
CONT
→OUT
tPHZ
tPLZ
—40
90
ns
5
RL = 1k
Fig.2
10
—35
80
15
—30
70
Propagation delay time
CONT
→OUT
tPZH
tPZL
60
140
ns
5
RL = 1k
Fig.2
10
—20
50
15
—15
40
Feedthrough attenuation
FT
0.7
MHz
5
Fig.2
Sine wave distortion
D
0.1
%
5
Fig.2
Crosstalk
CTC
600
mVP-P
5
f = 1MHz
Fig.2
Crosstalk (2)
between channels
CT
1
MHz
5
Fig.2
VDD (V)
Output “H”, “L”
Output “High -Z”
→ “H”, “L”
1 VIN : 5VP-P sine wave, frequency that enables
2 VIN : 5VP-P sine wave.
VOUT
VIN
VSS = – 5V, RL = 10k
1
VSS = – 5V, RL = 10k
2
VSS = – 5V, RL = 10k
1
→ “High-Z”
(CONT
→OUT)
Measurement circuits
IIN
O / I
I / O
GND
CONT
A
VDD
VOUT
RL
Fig. 1 (a) Input voltage, current
1
2
O / I
I / O
GND
CONT
VDD
VOUT
VDD
VIN =
VIN
VOUT
RON = 10
RL = 10k
k
– 1
Fig. 1 (b) On resistance
O / I
CONT
GND
VDD
I / O
A
Fig. 1 (c) Channel off leakage current


Similar Part No. - BU4066BC

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC Datasheet
1Mb / 20P
   Quad-Analog Switch
BU4066BC-E2 ROHM-BU4066BC-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC-E2 ROHM-BU4066BC-E2 Datasheet
1Mb / 20P
   Quad-Analog Switch
More results

Similar Description - BU4066BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
   Quad-Analog Switch
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
   Quad Analog Switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
   Quad Analog Switch
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
   Quad Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com