Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4066BCF Datasheet(PDF) 4 Page - Rohm

Part # BU4066BCF
Description  Quad analog switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4066BCF Datasheet(HTML) 4 Page - Rohm

  BU4066BCF Datasheet HTML 1Page - Rohm BU4066BCF Datasheet HTML 2Page - Rohm BU4066BCF Datasheet HTML 3Page - Rohm BU4066BCF Datasheet HTML 4Page - Rohm BU4066BCF Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Standard ICs
BU4066BC / BU4066BCF / BU4066BCFV
O / I
I / O
GND
CONT
P.G.
VDD
CL
RL
Fig. 2 (a) Propagation delay time (IN to OUT)
O / I
I / O
CONT
GND
P.G.
VDD
CL
RL
tPHZ
tPZH
50%
50%
90%
50%
Fig. 2 (b) Propagation delay time
(CONT to OUT)
O / I
I / O
CONT
GND
P.G.
VDD
CL
RL
tPLZ
tPZL
50%
50%
10%
50%
Fig. 2 (c) Propagation delay time
(CONT to OUT)
O / I
I / O
CONT
GND
VDD = 5V
5VP-P
CL
VSS = – 5V
RL
~
Fig. 2 (d) Sine wave distortion, feedthrough attenuation
~
VDD = 5V
OSC
CL
RL
VSS = – 5V
CL
GND
RL
RL
~
V
Fig. 2 (e) Crosstalk
O / I
I / O
CONT
GND
VDD = 5V
5VP-P
CL
VSS = – 5V
1k
RL
~
Fig. 2 (f) Control IN
→OUT crosstalk


Similar Part No. - BU4066BCF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4066BCF ROHM-BU4066BCF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCF ROHM-BU4066BCF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCF ROHM-BU4066BCF Datasheet
1Mb / 20P
   Quad-Analog Switch
BU4066BCF-E2 ROHM-BU4066BCF-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCF-E2 ROHM-BU4066BCF-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4066BCF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
   Quad-Analog Switch
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
   Quad Analog Switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
   Quad Analog Switch
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
   Quad Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com