Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-91-1564 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 15-91-1564
Description  2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

15-91-1564 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  15-91-1564 Datasheet HTML 1Page - Molex Electronics Ltd. 15-91-1564 Datasheet HTML 2Page - Molex Electronics Ltd. 15-91-1564 Datasheet HTML 3Page - Molex Electronics Ltd. 15-91-1564 Datasheet HTML 4Page - Molex Electronics Ltd. 15-91-1564 Datasheet HTML 5Page - Molex Electronics Ltd. 15-91-1564 Datasheet HTML 6Page - Molex Electronics Ltd. 15-91-1564 Datasheet HTML 7Page - Molex Electronics Ltd. 15-91-1564 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image


Similar Part No. - 15-91-1564

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-91-1561 MOLEX3-15-91-1561 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 56 Circuits, Tin (Sn) Plating, with 3.30mm PCB Locator Pegs
15-91-1562 MOLEX3-15-91-1562 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 56 Circuits, 0.38關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
More results

Similar Description - 15-91-1564

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-91-2040 MOLEX11-15-91-2040 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015912460 MOLEX2-0015912460 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 46 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015912800 MOLEX2-0015912800 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 80 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015912320 MOLEX2-0015912320 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 32 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015912080 MOLEX2-0015912080 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 8 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015912260 MOLEX2-0015912260 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 26 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015912740 MOLEX2-0015912740 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 74 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015912440 MOLEX2-0015912440 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 44 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015912580 MOLEX2-0015912580 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 58 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015912280 MOLEX2-0015912280 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 28 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com