Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4094BCF Datasheet(PDF) 3 Page - Rohm

Part # BU4094BCF
Description  8-bit compatible shift / store register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4094BCF Datasheet(HTML) 3 Page - Rohm

  BU4094BCF Datasheet HTML 1Page - Rohm BU4094BCF Datasheet HTML 2Page - Rohm BU4094BCF Datasheet HTML 3Page - Rohm BU4094BCF Datasheet HTML 4Page - Rohm BU4094BCF Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Standard ICs
BU4094BC / BU4094BCF / BU4094BCFV
Switching characteristics (unless otherwise noted, VSS = 0V, Ta = 25°C, CL = 50pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
tTLH
100
ns
5
Fig.1
50
ns
10
40
ns
15
tTHL
100
ns
5
Fig.1
50
ns
10
40
ns
15
tPLH
tPHL
350
600
ns
5
Fig.1
125
250
ns
10
95
190
ns
15
tPLH
tPHL
230
460
ns
5
Fig.1
110
220
ns
10
75
150
ns
15
tPLH
tPHL
420
840
ns
5
Fig.1
195
390
ns
10
135
270
ns
15
tPLH
tPHL
290
580
ns
5
Fig.1
145
290
ns
10
100
200
ns
15
tPHZ
tPZH
140
280
ns
5
RL = 1k
Fig.2
75
150
ns
10
55
110
ns
15
tPLZ
tPZL
140
280
ns
5
RL = 1k
Fig.2
75
150
ns
10
55
110
ns
15
tSU
20
125
ns
5
Fig.1
8
55
ns
10
6
35
ns
15
tH
—10
40
ns
5
Fig.1
—10
20
ns
10
5
15
ns
15
tW
100
200
ns
5
Fig.1
50
100
ns
10
—40
80
ns
15
tr (CL)
tf (CL)
NO Limit
µs5
Fig.1
µs10
µs15
fCL
1.25
5
MHz
5
Fig.1
2.5
10
MHz
10
3.0
12.5
MHz
15
tWH
100
200
ns
5
Fig.1
—40
80
ns
10
—35
70
ns
15
CIN
—5—
pF
VDD (V)
Output rise time
Output fall time
Propagation delay
time, CLOCK to Qs
Propagation delay
time, CLOCK to Qs
Propagation delay
time, CLOCK to Qn
Propagation delay
time, STROBE to Qn
3-state propagation
delay time,
Output Enable to Qn
3-state propagation
delay time, Output
Enable to Qn
Minimum setup time,
DATA to CLOCK
Minimum hold time,
CLOCK to DATA
Minimum clock
pulse width
Maximum clock rise
time and fall time
Maximum clock
frequency
Minimum strobe
pulse width
Input capacitance


Similar Part No. - BU4094BCF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4094BCF ROHM-BU4094BCF Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4094BCF ROHM-BU4094BCF Datasheet
1Mb / 23P
   8bit Static Shift/Store Register
logo
List of Unclassifed Man...
BU4094BCF ETC2-BU4094BCF Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BU4094BCF-E2 ROHM-BU4094BCF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4094BCF-E2 ROHM-BU4094BCF-E2 Datasheet
1Mb / 23P
   8bit Static Shift/Store Register
More results

Similar Description - BU4094BCF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4094A ONSEMI-MC74HCT4094A Datasheet
142Kb / 11P
   8-Bit Shift and Store Register
March, 2011 ??Rev. 0
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP Datasheet
303Kb / 8P
   8-BIT SHIFT AND STORE REGISTER (3-STAFE)
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
logo
Unisonic Technologies
U74HCT4094 UTC-U74HCT4094_15 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
U74HCT4094 UTC-U74HCT4094 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com