Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BU4S01 Datasheet(PDF) 1 Page - Rohm

Part No. BU4S01
Description  Single 2-input NOR gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S01 Datasheet(HTML) 1 Page - Rohm

  BU4S01 Datasheet HTML 1Page - Rohm BU4S01 Datasheet HTML 2Page - Rohm BU4S01 Datasheet HTML 3Page - Rohm BU4S01 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Standard ICs
Single 2-input NOR gate
BU4S01
The BU4S01 is an ultra-compact logic IC with one circuit of the dual-input positive logic NOR gate BU4001B built into
an SMP package.
Features
1) Low current dissipation.
2) Super-mini mold package designed for surface
mounting.
3) Wide range of operating power supply voltage.
4) Direct drive of 2 L-TTL inputs and 1 LS-TTL input.
Block diagram
54
12
3
VDD
Y
AB
VSS
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VDD
VSS – 0.3 ~ VSS + 18
V
Pd
170
mW
IIN
± 10
mA
Topr
Tstg
VIN
VSS – 0.3 ~ VDD + 0.3
V
Power supply voltage
Power dissipation
Input current
Operating temperature
Storage temperature
Input voltage
1 These values indicate the range limits of the voltage that can be applied to each pin without
destroying it. Operation is not guaranteed at these values.
2 Power dissipation is reduced by 1.7mW for each increase in Ta of 1°C over 25°C.
°C
°C
– 40 ~ + 85
– 55 ~ + 150
Recommended operating conditions (Ta = 25°C, VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VDD
3
16
V
VIN
0
VDD
V
Power supply voltage
Input voltage


Similar Part No. - BU4S01

ManufacturerPart No.DatasheetDescription
Rohm
Rohm
BU4S01G2 ROHM-BU4S01G2 Datasheet
152Kb / 5P
   single 2 input NOR gates
BU4S01G2 ROHM-BU4S01G2 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2 Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
More results

Similar Description - BU4S01

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
ON Semiconductor
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
   Single 2-input NOR gate
ON Semiconductor
ON Semiconductor
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
Rohm
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
   Single 2-Input NOR Gate
Unisonic Technologies
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
ON Semiconductor
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 10
STMicroelectronics
STMicroelectronics
74V1T02 STMICROELECTRONICS-74V1T02 Datasheet
48Kb / 7P
   SINGLE 2-INPUT NOR GATE
ON Semiconductor
ON Semiconductor
MC74VHC1G02 ONSEMI-MC74VHC1G02 Datasheet
99Kb / 8P
   SINGLE 2-INPUT NOR GATE
December, 1999 ??Rev. 2
STMicroelectronics
STMicroelectronics
74V1G02 STMICROELECTRONICS-74V1G02_04 Datasheet
110Kb / 9P
   SINGLE 2-INPUT NOR GATE
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz