Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

190030011 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 190030011
Description  InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Box, Tab 4.75mm (.187") x 0.51mm (.020")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

190030011 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  190030011 Datasheet HTML 1Page - Molex Electronics Ltd. 190030011 Datasheet HTML 2Page - Molex Electronics Ltd. 190030011 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 190030011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190030010 MOLEX3-190030010 Datasheet
177Kb / 3P
   InsulKrimp Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape
190030013 MOLEX4-190030013 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
190030014 MOLEX4-190030014 Datasheet
177Kb / 3P
   InsulKrimp??Quick Disconnect
190030015 MOLEX4-190030015 Datasheet
176Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Continuous MoldedStrip, Tab 4.75mm (.187") x 0.51mm
190030016 MOLEX4-190030016 Datasheet
177Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com