Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41661-A24A102 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # A-41661-A24A102
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 24 Circuits, Tin (Sn) Plating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-41661-A24A102 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button A-41661-A24A102 Datasheet HTML 6Page - Molex Electronics Ltd. A-41661-A24A102 Datasheet HTML 7Page - Molex Electronics Ltd. A-41661-A24A102 Datasheet HTML 8Page - Molex Electronics Ltd. A-41661-A24A102 Datasheet HTML 9Page - Molex Electronics Ltd. A-41661-A24A102 Datasheet HTML 10Page - Molex Electronics Ltd. A-41661-A24A102 Datasheet HTML 11Page - Molex Electronics Ltd. A-41661-A24A102 Datasheet HTML 12Page - Molex Electronics Ltd. A-41661-A24A102 Datasheet HTML 13Page - Molex Electronics Ltd. A-41661-A24A102 Datasheet HTML 14Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 8 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
2161-5(501)
PIN NUMBER
2161-16(102)
PIN NUMBER
2161-21(102)
PIN NUMBER
2161-15(102)
PIN LENGTH
34.93/1.375
PIN LENGTH
25.40/1.000
PIN LENGTH
28.57/1.125
PIN LENGTH
15.88/.625
PLATING
501
PLATING
102
PLATING
102
PLATING
102
MATING “M”
27.18/1.070
MATING “M”
18.26/.719
MATING “M”
22.15/.872
MATING “M”
8.81/.347
PCB “P”
4.50/.177
PCB “P”
3.89/.153
PCB “P”
3.18/.125
PCB “P”
3.81/.150
GOLD “G”
OVERALL
GOLD “G”
N/A
GOLD “G”
N/A
GOLD “G”
N/A
TIN “T”
N/A
TIN “T”
OVERALL
TIN
“T”
OVERALL
TIN
“T”
OVERALL
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-ANAN501-*
A-41661-AND102-*
A-41661-ANBA102-*
A-41661-ANBC102-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
26-58-4026
-A2AN501
41661-0336
-A2D102
26-48-4025
-A2BA102
26-48-3023
-A2BC102
26-58-4036
-A3AN501
41661-0337
-A3D102
26-48-4035
-A3BA102
26-48-3033
-A3BC102
26-58-4046
-A4AN501
41661-0338
-A4D102
26-48-4045
-A4BA102
26-48-3043
-A4BC102
26-58-4056
-A5AN501
26-48-9052
-A5D102
26-48-4055
-A5BA102
26-48-3053
-A5BC102
26-58-4066
-A6AN501
41661-0339
-A6D102
26-48-4065
-A6BA102
26-48-3063
-A6BC102
26-58-4076
-A7AN501
41661-0340
-A7D102
26-48-4075
-A7BA102
26-48-3073
-A7BC102
26-58-4086
-A8AN501
26-48-9082
-A8D102
26-48-4085
-A8BA102
26-48-3083
-A8BC102
26-58-4096
-A9AN501
41661-0341
-A9D102
26-48-4095
-A9BA102
26-48-3093
-A9BC102
26-58-4106
-A10AN501
41661-0342
-A10D102
26-48-4105
-A10BA102
26-48-3103
-A10BC102
26-58-4116
-A11AN501
41661-0343
-A11D102
26-48-4115
-A11BA102
26-48-3113
-A11BC102
26-58-4126
-A12AN501
41661-0344
-A12D102
26-48-4125
-A12BA102
26-48-3123
-A12BC102
26-58-4136
-A13AN501
41661-0345
-A13D102
26-48-4135
-A13BA102
26-48-3133
-A13BC102
26-58-4146
-A14AN501
41661-0346
-A14D102
26-48-4145
-A14BA102
26-48-3143
-A14BC102
26-58-4156
-A15AN501
41661-0347
-A15D102
26-48-4155
-A15BA102
26-48-3153
-A15BC102
26-58-4166
-A16AN501
41661-0348
-A16D102
26-48-4165
-A16BA102
26-48-3163
-A16BC102
26-58-4176
-A17AN501
41661-0349
-A17D102
26-48-4175
-A17BA102
26-48-3173
-A17BC102
26-58-4186
-A18AN501
41661-0350
-A18D102
26-48-4185
-A18BA102
26-48-3183
-A18BC102
26-58-4196
-A19AN501
41661-0351
-A19D102
26-48-4195
-A19BA102
26-48-3193
-A19BC102
26-58-4206
-A20AN501
41661-0352
-A20D102
26-48-4205
-A20BA102
26-48-3203
-A20BC102
26-58-4216
-A21AN501
41661-0353
-A21D102
26-48-4215
-A21BA102
26-48-3213
-A21BC102
26-58-4226
-A22AN501
41661-0354
-A22D102
26-48-4225
-A22BA102
26-48-3223
-A22BC102
26-58-4236
-A23AN501
41661-0355
-A23D102
26-48-4235
-A23BA102
26-48-3233
-A23BC102
26-58-4246
-A24AN501
26-48-9242
-A24D102
26-48-4245
-A24BA102
26-48-3243
-A24BC102


Similar Part No. - A-41661-A24A102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41661-A24A197 MOLEX11-A-41661-A24A197 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 24 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com